Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754636 Datasheet (PDF) - PHOENIX CONTACT

1754636 Datasheet PDF - PHOENIX CONTACT
Part # 1754636
Download  1754636 Download
File Size   1315.0 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCN 2,5/ 9-ST-5,08 - PCB connector

1754636 Datasheet (PDF)

Go To PDF Page Download Datasheet
1754636 Datasheet PDF - PHOENIX CONTACT

Part # 1754636
Download  1754636 Click to download

File Size   1315.0 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCN 2,5/ 9-ST-5,08 - PCB connector

1754636 Datasheet (HTML) - PHOENIX CONTACT


1754636 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: FKCN
2,5/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Extremely small design for the respective conductor cross section
• Defined contact force ensures that contact remains stable over the long term
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1754636

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1754636-1 TEC-1754636-1 Datasheet
312Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1754636

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754571 PHOENIX-1754571 Datasheet
1Mb / 29P
PCB connector - FKCN 2,5/ 3-ST-5,08
Nov 30, 2022
1754649 PHOENIX-1754649 Datasheet
1Mb / 24P
PCB connector - FKCN 2,5/10-ST-5,08
Jan 3, 2023
1754856 PHOENIX-1754856 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 8-STF-5,08
Jan 3, 2023
1732823 PHOENIX-1732823 Datasheet
1Mb / 26P
PCB connector - FKCN 2,5/10-ST
1732852 PHOENIX-1732852 Datasheet
1Mb / 25P
PCB connector - FKCN 2,5/14-ST
1754869 PHOENIX-1754869 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 9-STF-5,08
1732878 PHOENIX-1732878 Datasheet
1Mb / 25P
FKCN 2,5/16-ST - PCB connector
1754704 PHOENIX-1754704 Datasheet
1Mb / 24P
FKCN 2,5/16-ST-5,08 - PCB connector
1732865 PHOENIX-1732865 Datasheet
1Mb / 25P
FKCN 2,5/15-ST - PCB connector
1733039 PHOENIX-1733039 Datasheet
658Kb / 18P
FKCN 2,5/ 9-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com