Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD3 Datasheet (PDF) - EMP-Centauri s.r.o.

MOD3 Datasheet PDF - EMP-Centauri s.r.o.
Part # MOD3
Download  MOD3 Download
File Size   468.71 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Modulator 3in / 1out

MOD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOD3 Datasheet PDF - EMP-Centauri s.r.o.

Part # MOD3
Download  MOD3 Click to download

File Size   468.71 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Modulator 3in / 1out

MOD3 Datasheet (HTML) - EMP-Centauri s.r.o.


MOD3 Product details

Brief description:
Designed to convert separate audio and
video composite signals (from a video
camera, VCR, satellite receiver, DVD
player, etc.) into standard UHF TV signals
that you can see on any regular TV set.
In the era of 4K digital television, this device
may seem quite outdated, but
overwhelming majority of TV sets still
feature an analog tuner. Also many devices,
for example, security cameras have a
component output.
Since the composite output is not designed
to transmit video over a long distance, this
modulator will be the best solution for
combining multiple devices with this output
into common network and transmitting a
video/audio signal over a coaxial cable to
several TVs or other devices. Also, this kind
of solution is very cheap and requires
neither special knowledge or skills for
installation and configuration.
Big 4-digit LED display.
External power supply (included).




Similar Part No. - MOD3

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
MOD3-2400-BLK MOBILEMARK-MOD3-2400-BLK Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
MOD3-2400-WHT MOBILEMARK-MOD3-2400-WHT Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
More results


Similar Description - MOD3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA5664 SIEMENS-TDA5664 Datasheet
307Kb / 19P
5V-Modulator
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
Voice Modulator
5th May 98
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
MODULATOR
logo
Merrimac Industries, In...
BPG-2A-500 MERRIMAC-BPG-2A-500 Datasheet
96Kb / 1P
BIPHASE MODULATOR
BTG-2B-500 MERRIMAC-BTG-2B-500 Datasheet
76Kb / 1P
BIPHASE MODULATOR
M-109A MERRIMAC-M-109A Datasheet
81Kb / 1P
BIPHASE MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Communications & Power ...
VPX_3500 CPI-VPX_3500 Datasheet
319Kb / 1P
Magnetron Modulator
logo
New Japan Radio
NJM2754 NJRC-NJM2754 Datasheet
204Kb / 9P
4in-1out Audio Selector with Isolation amplifier
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com