Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet (PDF) - Holtek Semiconductor Inc

HT8950 Datasheet PDF - Holtek Semiconductor Inc
Part # HT8950
Download  HT8950 Download
File Size   659.5 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Voice Modulator

HT8950 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT8950 Datasheet PDF - Holtek Semiconductor Inc

Part # HT8950
Download  HT8950 Click to download

File Size   659.5 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Voice Modulator

HT8950 Datasheet (HTML) - Holtek Semiconductor Inc


HT8950 Product details

General Description

The HT8950/HT8950A are single chip CMOS LSI voice modulator ICs which provide seven steps to shift the frequency of an input voice, producing a dramatic change in the output.



Features

Operating voltage: 2.4V~4.0V

On-chip SRAM

Robot function

Vibrato function

8kHz sampling rate

7-step level shifting

8-bit A/D and D/A converters

LED indicator with voice level

Push button selection or electronic mode

Minimal external components

HT8950: 18-pin DIP package

HT8950A: 16-pin DIP package



Applications

Educational Toys/leisure products

Mixers

Recorders

Audio system

Speech system

Telephone system




Similar Part No. - HT8950

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
HT8950A HOLTEK-HT8950A Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
HT8950 HOLTEK-HT8950_06 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
More results


Similar Description - HT8950

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
MODULATOR
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950_06 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com