Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT8950
Voice Modulator
Features
•
Operating voltage: 2.4~4.0V
•
On-chip SRAM
•
Robot function
•
Vibrato function
•
8kHz sampling rate
•
7-step level shifting
•
8-bit A/D and D/A converters
•
LED indicator with voice level
•
Push button selection or electronic mode
•
Few external components required
•
16-pin/18-pin DIP package
Applications
•
Toys
•
Mixers
•
Recorders
•
Audio system
•
Speech system
•
Telephone system
General Description
The HT8950 is a single chip CMOS LSI voice
modulator. It provides 7 steps to shift the fre-
quency of an input voice, producing a dramati-
cal change in the output.
The HT8950 provides two special effects: Vi-
brato and Robot. The Vibrato effect is generated
by alternating the frequency of an input signal
up and down at a rate of 8Hz. The Robot func-
tion, on the other hand, converts an input voice
into a Robot voice. Both effects can be selected
depending on which pin is triggered, either
ROB or VIB. For the output frequency level
shifting, the chip provides 7 steps which can be
selected from the two groups of pins namely,
SW0, SW1 and SW2 for electronic direct selec-
tion and ROB, TGD, TGU and VIB for push
button selection.
The HT8950 includes a built-in microphone am-
plifier with an internal bias, an 8-bit A/D con-
verter, a built-in SRAM as well as a current
output type 8-bit D/A converter. The 8-bit A/D
and D/A converters with a sampling rate of
8kHz ensures a high quality and high S/N ratio
output voice. The chip provides an LED indica-
tor which flashes with the volume of the input
voices. It is offered in a 16-pin or 18-pin DIP
package.
1
5th May ’98


Similar Part No. - HT8950

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
HT8950A HOLTEK-HT8950A Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
HT8950 HOLTEK-HT8950_06 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
More results

Similar Description - HT8950

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
MODULATOR
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950_06 Datasheet
156Kb / 10P
Voice Modulator
November 16, 2006
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com