Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8970 Datasheet (PDF) - Holtek Semiconductor Inc

HT8970 Datasheet PDF - Holtek Semiconductor Inc
Part # HT8970
Download  HT8970 Download
File Size   100.7 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Voice Echo

HT8970 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT8970 Datasheet PDF - Holtek Semiconductor Inc

Part # HT8970
Download  HT8970 Click to download

File Size   100.7 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Voice Echo

HT8970 Datasheet (HTML) - Holtek Semiconductor Inc


HT8970 Product details

General Description

The HT8970 is an echo/surround effect processor. It is designed for various audio systems including karaoke, television, sound equipments, etc. The chip consists of a built-in pre-amplifier, VCO or Voltage Control OSC, 20Kb SRAM, A/D and D/A converters as well as delay time control logic.



Features

Operating voltage: 4.5V~5.5V

ADM algorithm

Low noise

   Echo mode:-85dB

   Surround mode:-90dB

Low distortion rate

   Echo mode: 1%

   Surround mode: 0.2%

Built-in 20Kb SRAM

Automatic reset function

Package type: 16-pin DIP/SOP



Applications

Television

Karaoke systems

Video disc player

Sound equipments



 




Similar Part No. - HT8970

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
Voice Echo
May 2, 2008
More results


Similar Description - HT8970

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL50233 ZARLINK-ZL50233_06 Datasheet
547Kb / 38P
4 Channel Voice Echo Cancellor
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
logo
Holtek Semiconductor In...
HT8972 HOLTEK-HT8972 Datasheet
139Kb / 13P
Voice Echo
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
Voice Echo
May 2, 2008
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com