Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8970 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT8970
Description  Voice Echo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8970 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

  HT8970 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Surround mode
Note:
: Analog ground,
: Digital ground
HT8970
8
March 14, 2000
VC C
RE F
AG N D
4. 7 m F
1
2
3
DG ND
OS C _ O
VC O
CC1
4
5
6
7
CC0
8
10 0 m F
0. 1 m F
0. 1 m F
LP F 1_I N
LP F 1 _O U T
560 pF
10 k W
16
15
560 0pF
15 k W
4. 7 m F
10 0k W
O u t put
10 m F
LP F 2 _O U T
LP F 2_I N
560 pF
12 k W
10 k W
14
13
560 pF
OP 2 _ O U T
OP 2 _ I N
15 k W
12
11
0. 0 4 7 m F
OP 1 _ I N
OP 1 _ O U T
0. 0 4 7 m F
10
9
5V
R
20 k W
4. 7 m F
39p F
47k W
22 m F
560 W
4
9V
8
1
3
2
20k W
9V
4. 7k W
47 k W
4. 7k W
10 0 m F
1k W
1 m F
4. 7k W
1k W
0. 6 8 m F
4. 7k W
MI C
4558
H T 8970
0. 1 m F
15 k W
3k W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com