Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8970 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT8970
Description  Voice Echo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8970 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT8970 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HT8970
6
March 14, 2000
ROSC-fOSC-Delay_time-Distortion Cross table
ROSC
49.8
38.3
31.9
26.77
23.3
20.54
18.08
kW
fOSC
2M
2.5M
3M
3.5M
4M
4.5nm
5M
MHz
Td
327.6
262
218.4
187.2
163.8
145.6
131
ms
THD
1.6
1.3
1.0
0.72
0.7
0.64
0.5
%
ROSC
16.07
14.29
12.98
11.97
11
9.99
9.22
kW
fOSC
5.5M
6M
6.5M
7M
7.5M
8M
8.5M
MHz
Td
119.1
109.2
100.8
93.6
87.36
81.89
77.08
ms
THD
0.47
0.38
0.36
0.35
0.3
0.29
0.28
%
ROSC
8.5
7.54
6.66
6.12
5.5
4.85
4.4
kW
fOSC
9M
10M
11M
12M
13M
14M
15M
MHz
Td
72.79
65.52
59.56
54.59
50.39
46.79
43.68
ms
THD
0.25
0.245
0.23
0.22
0.19
0.185
0.165
%
ROSC
3.98
3.64
3.26
2.92
2.69
2.48
2.28
kW
fOSC
16M
17M
18M
19M
20M
21M
22M
MHz
Td
40.94
38.54
36.39
34.48
32.75
31.19
29.78
ms
THD
0.165
0.15
0.14
0.14
0.13
0.12
0.11
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com