Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8970 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT8970
Description  Voice Echo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8970 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT8970 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8970 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VCC
Operating Voltage
¾¾
4.5
5.0
5.5
V
ICC
Operating Current
5V
¾¾
15
30
mA
GV
Voltage Gain
5V
RL=47kW¾
-0.9
2.5
dB
VOMAX Maximum Output Voltage
5V
THD=10%
0.9
1.8
¾
Vrms
THD
Total Harmonic Distortion
5V
30kHz L.P.F.
¾
0.7
1.5
%
NO
Output Noise Voltage
5V
DIN Audio
¾-85
-60
dBV
PSRR
Power Supply Rejection
Ratio
5V
DVCC=-20dBV
(0.1Vrms)
f=100Hz
¾-40
-30
dB
HT8970
5
March 14, 2000
Functional Description
The HT8970 is an echo/surround effect genera-
tor with built-in 20Kb SRAM. It ensures low
distortion as well as low noise for processing
audio signal delay. The chip provides two play-
ing modes (echo and surround) and the playing
function block diagrams are shown as follows.
· Surround mode
· Echo mode
LP F 1
A / D
De l a y
D/ A
L P F 2
V IN
V OU T
LP F 1
A / D
De l a y
D/ A
L P F 2
V IN
V OU T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com