Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Functional Description
The HT8950 is a single chip LSI designed for
voice modulation. It provides 7 steps to shift the
frequency of an input voice signal up and down.
The chip is also equipped with two special ef-
fects; Vibrato and Robot.
The HT8950 includes a built-in amplifier, 8-bit
A/D converter and current output type of 8-bit
D/A converter in addition to a built-in SRAM.
The brightness of an LED indicator changes
with the volume of the input voice signal.
Power on initial
The HT8950 enters the Robot state right after
power is initially switched on.
Robot state
The system goes into the Robot state after the
ROB pin is triggered or power is turned on. In
this mode, an input voice can be converted into
a robot voice.
Vibrato
An output voice will be generated with a vibrato
effect when the VIB pin is triggered, regardless
of what state the system is in. The vibrato effect
is toggle activated. In other words, when a voice
output is playing with a vibrato effect, this ef-
fect can be eliminated by retriggering the VIB
pin. The rate of vibrato effect can be changed by
adjusting the resistance of the external resistor
between the OSC2 and Fvil pins.
Voice modulation
The HT8950 provides an 8-bit A/D and a D/A
converters with a sampling rate of 8kHz, ensur-
ing a voice output of high quality and with a
high S/N ratio. The chip includes 7 steps to shift
the frequency of an input signal. The voice
modulation is selected and determined by the
SW0~SW2 inputs.
Input
Step Mode
Speed
Ratio
SW2 SW1 SW0
11
1
Controlled by TGU
and TDG
Notes
1
1
0
UP3
2
1
0
1
UP2
8/5
1
0
0
UP1
4/3
01
1
NORMAL
1
0
1
0
DN1
8/9
0
0
1
DN2
4/5
0
0
0
DN3
2/3
Notes: The TGU switch elevates by one step
mode, and the TGD switch, on the other hand,
falls one step mode step by step as shown:
• The system changes to the Robot state after
the ROB pin is triggered, regardless of what
state the system is in.
• A voice output is accompanied with a vibrato
effect after the VIB pin is triggered, regard-
less of what state the system is in.
LED indicator
The HT8950 provides a LAMP pin to drive an
external LED. The brightness of LED changes
with the volume of the input voice signal.
HT8950
5
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com