Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pad Coordinates
Unit:
µm
Pad
No.
XY
Pad
No.
XY
1
–957.0
720.5
10
732.0
–774.0
2
–957.0
423.5
11
984.0
–675.0
3
–957.0
210.0
12
956.5
–400.0
4
–957.0
–87.0
13
956.5
374.5
5
–957.0
–299.5
14
956.5
671.5
6
–957.0
–596.5
15
530.5
765.5
7
–962.0
–815.0
16
345.50
765.5
8
–161.5
–747.5
17
–33.50
765.5
9
200.5
–747.5
18
–287.50
765.5
Chip size: 2350
× 2080 (µm)2
∗ The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description (18 Pin Version)
Pin No.
Pin Name
I/O
Internal
Connection
Description
1
SW0
I
Pull-High
Function setting pin (for electronic setting)
2
SW1
I
Pull-High
Function setting pin (for electronic setting)
3
SW2
I
Pull-High
Function setting pin (for electronic setting)
4
VSS
I
—
Negative power supply (GND)
5
AO
O
—
Internal amplifier output
6
AIN
I
—
Internal amplifier input (inverted)
7
VDD
O
—
Positive power supply
8LAMP
O
NMOS
Open Drain
Lamp output (brightness changes with voice volume)
9
AUDIO
O
PMOS
Open Drain
Audio output
10
Vref
I
—
Internal amplifier reference voltage
11
TS
I
—
For IC test only
12
Fvib
O
—
Vibrato frequency control
13
OSC2
O
—
Oscillator output
14
OSC1
I
—
Oscillator input
15
VIB
I
Pull-High
Switch to Vibrato mode (toggle)
HT8950
3
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com