Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-SPLT Datasheet (PDF) - Tycon Systems, Inc.

POE-SPLT Datasheet PDF - Tycon Systems, Inc.
Part # POE-SPLT
Download  POE-SPLT Download
File Size   245.17 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description PoE Splitter / Voltage Converter

POE-SPLT Datasheet (PDF)

Go To PDF Page Download Datasheet
POE-SPLT Datasheet PDF - Tycon Systems, Inc.

Part # POE-SPLT
Download  POE-SPLT Click to download

File Size   245.17 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description PoE Splitter / Voltage Converter

POE-SPLT Datasheet (HTML) - Tycon Systems, Inc.


POE-SPLT Product details

Features
• Converts PoE input to DC or AC output
• Outputs up to 80W
• POE-SPLT-2424AC Runs cameras and other 24VAC 40W devices
from 24VDC PoE and battery systems
• POE-SPLT-4824AC Runs cameras and other 24VAC 80W devices
from 48VDC PoE and battery systems
• POE-SPLT-48xxG Provides 12VDC or 5VDC 25W from standard 802.3at PoE input
• Short Circuit, Over Current and Over Voltage Protection
• High Temperature Operation




Similar Part No. - POE-SPLT

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-SPLT-2424AC-G TYCONSYSTEMS-POE-SPLT-2424AC-G Datasheet
244Kb / 1P
PoE Splitter / Voltage Converter
POE-SPLT-4812G-P TYCONSYSTEMS-POE-SPLT-4812G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
POE-SPLT-4824AC-GBT TYCONSYSTEMS-POE-SPLT-4824AC-GBT Datasheet
278Kb / 1P
PoE Splitter / Voltage Converter
POE-SPLT-4824G-P TYCONSYSTEMS-POE-SPLT-4824G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
POE-SPLT-4848G-P TYCONSYSTEMS-POE-SPLT-4848G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
More results


Similar Description - POE-SPLT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
POS-4002 LVL1-POS-4002 Datasheet
193Kb / 2P
24V AC High Power PoE Splitter
logo
Red Lion Controls. Inc
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
Industrial PoE Splitter
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com