Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-SPLT Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # POE-SPLT
Description  PoE Splitter / Voltage Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-SPLT Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  POE-SPLT Datasheet HTML 1Page - Tycon Systems, Inc. POE-SPLT Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE-SPLT-Active
POE-SPLT-Active Splitter Spec Rev 7 29-Jan-18
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
POE-SPLT-2424AC
PoE Splitter/Voltage Converter 24V PoE Input to 24VAC 40W output
POE-SPLT-4824AC
PoE Splitter/Voltage Converter 56V PoE Input to 24VAC 80W output
POE-SPLT-4812G
PoE Splitter/Voltage Converter 802.3at PoE Input to 12VDC 25W output
POE-SPLT-4812G
PoE Splitter/Voltage Converter 802.3at PoE Input to 5VDC 25W output
For further information contact:
POE-SPLT-
2424AC
POE-SPLT-
4824AC
POE-SPLT-4812G
POE-SPLT-4805G
Output Voltage
24VAC
24VAC
12VDC
5VDC
Output Current
1.7A @ 24VAC
3.34A @24VAC
2.1A @ 12VDC
5A @ 5VDC
Output Power
40W
80W
25W
25W
Output Connector
5.5mm / 2.1mm
Barrel Connector
Wire Terminal
(12AWG)
5.5mm / 2.1mm Barrel
Connector
5.5mm / 2.1mm Barrel
Connector
Output Cable Length
355mm (14”)
n/a
355mm (14”)
355mm (14”)
Load Regulation
5%
5%
5%
5%
Line Regulation
1%
1%
1%
1%
POE Input (RJ45)
18
– 36VDC (4
pairs)
40 - 60VDC (4 pairs)
802.3at 48VDC (4 pairs)
802.3at 48VDC (4 pairs)
Ethernet Speed
10/100MB
10/100/1000MB
10/100/1000MB
10/100/1000MB
Efficiency
75% Min
80% Min
86% Min
86% Min
EMC Standards
FCC Class B NE55022 Class B, CE
Isolation Voltage
1500VDC
Isolation Resistance
100M Ohms Minimum
Operating Temperature
-20 to +60°C (-4 to +140°F)
-40 to + 70°C (-40 to 158°F)
Operating Humidity (RH)
5% - 90% non condensing
Storage Temperature
-40 to +80°C (-40 to +176°F)
MTBF (Mean Time Between Failure)
--
87,063 Hours
Dimensions (LxWxH)
125 x 75 x 38mm
(4.9 x 3 x 1.5
”)
150 x 140 x 40mm
(5.9 x 5.5 x 1.6”)
85 x 75 x 36mm
( 3.3 x 3 x 1.4” )
Weight
190g (6.7oz)
350g (12oz)
150g (5.3oz)
Warranty
3 Years
•
Tycon Power Systems Power Sources carry a 1 year warranty
tyconsystems.com
POE-SPLT-2424AC
POE-SPLT-4824AC
POE-SPLT-48xxG
14641 S 800 W Ste A Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com