Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL13602 Datasheet (PDF) - Analog Devices

ADPL13602 Datasheet PDF - Analog Devices
Part # ADPL13602
Download  ADPL13602 Download
File Size   2220.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.5V to 36V, 2.4A, High-Efficiency, Synchronous Step-Down DC-DC Converter

ADPL13602 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL13602 Datasheet PDF - Analog Devices

Part # ADPL13602
Download  ADPL13602 Click to download

File Size   2220.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.5V to 36V, 2.4A, High-Efficiency, Synchronous Step-Down DC-DC Converter

ADPL13602 Datasheet (HTML) - Analog Devices


ADPL13602 Product details

GENERAL DESCRIPTION
The ADPL13602 is a high-efficiency, synchronous stepdown
DC-DC converter with integrated MOSFETs
operating over an input-voltage range of 3.5V to 36V. It
can deliver up to 2.4A current. Output voltage is
programmable from 1V up to 90% of VIN. Built-in
compensation across the output-voltage range
eliminates the need for external compensation
components.
The ADPL13602 features a peak-current-mode control
architecture. The ADPL13602 can be operated in forced
pulse-width modulation (PWM) or discontinuousconduction
mode (DCM) to enable high efficiency under
full-load and light-load conditions. The ADPL13602
offers a low minimum on-time that allows high
switching frequencies and a smaller solution size.
The feedback-voltage regulation accuracy over -40°C to
+125°C is ±1.5%. The device is available in a 16-pin (3mm
x 3mm) TQFN-EP package. Simulation models are available.

FEATURES
 Reduces External Components and Total Cost
 No Schottky—Synchronous Operation
 Internal Compensation Components
 All-Ceramic Capacitors, Compact Layout
 Reduces the Number of DC-DC Regulators to Stock
 Wide 3.5V to 36V Input
 Adjustable Output Voltage Range from 1V up
to 90% of VIN
 Delivers Up to 2.4A Over the Temperature Range
 400kHz to 1.5MHz Adjustable Frequency
 Reduces Power Dissipation
 Peak Efficiency of 95%
 Wide 2.4V to 12V Bootstrap Bias Input
(EXTVCC) for Improved Efficiency
 Operates Reliably in Adverse Industrial
Environments
 Hiccup-Mode Overload Protection
 Adjustable and Monotonic Startup
with Prebiased Output Voltage
 Built-in Output-Voltage Monitoring with RESET
 Programmable EN/UVLO Threshold
 Wide Industrial -40°C to +125°C
Ambient Operating Temperature Range or
-40°C to +150°C Junction Temperature Range

APPLICATIONS
 Industrial Control Power Supplies
 Distributed Supply Regulation
 Wall Transformer Regulation
 High-Voltage, Single-Board Systems




Similar Part No. - ADPL13602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results


Similar Description - ADPL13602

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
high efficiency synchronous PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
logo
Maxim Integrated Produc...
MAX17632 MAXIM-MAX17632 Datasheet
1Mb / 25P
4.5V to 36V, 2A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 9/17
MAX17630 MAXIM-MAX17630 Datasheet
1Mb / 24P
4.5V to 36V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 12/18
MAX17633 MAXIM-MAX17633 Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
MAX17662 MAXIM-MAX17662 Datasheet
1Mb / 23P
3.5V to 36V, 2A, High-Efficiency, Synchronous Step-Down DC-DC Converter
19-100525; Rev 0; 7/19
MAX17634A MAXIM-MAX17634A Datasheet
1Mb / 22P
4.5V to 36V, 4.25A, High-Efficiency, Synchronous Step-Down DC-DC Converter
19-100572; Rev 0; 6/19
MAX17631 MAXIM-MAX17631 Datasheet
1Mb / 24P
4.5V to 36V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2018
MAX17632 MAXIM-MAX17632_V01 Datasheet
1Mb / 24P
4.5V to 36V, 2A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com