Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12003 Datasheet (PDF) - Analog Devices

ADPL12003 Datasheet PDF - Analog Devices
Part # ADPL12003
Download  ADPL12003 Download
File Size   988.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter

ADPL12003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL12003 Datasheet PDF - Analog Devices

Part # ADPL12003
Download  ADPL12003 Click to download

File Size   988.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter

ADPL12003 Datasheet (HTML) - Analog Devices


ADPL12003 Product details

Features
•Multiple Functions for Small Size
•Operating Input Voltage Range: 3V to 20V
•Synchronous DC-DC Converter with IntegratedField-Effect Transistors (FETs) up to 2.5A/3.5A
•27μA Quiescent Current in Skip Mode
•400kHz/1.5MHz Switching Frequency
•Spread-Spectrum Option
•Internal Soft-Start
-2.5ms for 400kHz
-3.5ms for 1.5MHz
•Programmable 0.8V to 12V Output VoltageRange
•99% Duty Cycle Operation with Low Dropout
•High Precision for Safety-Critical Applications
•Precision Enable Thresholds for FullyProgrammable UVLO Thresholds
•Accurate Windowed PGOOD
Forced-PWM and Skip-Mode Operation
Overtemperature, Overvoltage, and Short-CircuitProtection
3mm x 3mm, 15-Pin FC2QFN
-40°C to +150°C Operating Junction TemperatureRange




Similar Part No. - ADPL12003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12005 AD-ADPL12005 Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12005AFOA+T AD-ADPL12005AFOA+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12005AFOB+T AD-ADPL12005AFOB+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12006 AD-ADPL12006 Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12006AFOA+T AD-ADPL12006AFOA+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
More results


Similar Description - ADPL12003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
logo
Global Mixed-mode Techn...
G5640 GMT-G5640 Datasheet
637Kb / 1P
2.5A Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Global Mixed-mode Techn...
G5644 GMT-G5644 Datasheet
161Kb / 1P
2.5A Buck Converter
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com