Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet (PDF) - Analog Devices

ADPL12005 Datasheet PDF - Analog Devices
Part # ADPL12005
Download  ADPL12005 Download
File Size   1006.44 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 5A/6A Fully Integrated Synchronous Buck Converters

ADPL12005 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL12005 Datasheet PDF - Analog Devices

Part # ADPL12005
Download  ADPL12005 Click to download

File Size   1006.44 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 5A/6A Fully Integrated Synchronous Buck Converters

ADPL12005 Datasheet (HTML) - Analog Devices


ADPL12005 Product details

Features
•Multiple Functions for Small Size
•Operating VIN Range of 3V to 20V
•20μA Quiescent Current in Skip Mode
•Synchronous DC-DC Converter with IntegratedField-Effect Transistors (FETs)
•400kHz and 1.5MHz Fixed-Frequency Options
•Internal Soft-Start
-2.5ms for 400kHz
-3.5ms for 1.5MHz
•Programmable Output Voltage
-0.8V to 12V for 400kHz
-0.8V to 10V for 1.5MHz
•3.5mm x 3.75mm, 17-Pin FC2QFN
•Symmetrical Package Offers SuperiorElectromagnetic Interference (EMI) Performance
•Dual Phase Capability
•Can be used in Dual-Phase Configuration forHigh-Power Design
•Dynamic Current Sharing through Shared VEAPin
•Low-IQ Operation Capability in Dual Phase
•Precise Output Voltage Monitoring with PGOOD
•Forced–Pulse-WidthModulation (PWM) and Skip-Mode Operation
•Low Dropout Operation
•Overtemperature and Short-Circuit Protection
•-40°C to +150°C Operating Junction TemperatureRange




Similar Part No. - ADPL12005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results


Similar Description - ADPL12005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com