Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices ADPL12005 Datasheet HTML 10Page - Analog Devices ADPL12005 Datasheet HTML 11Page - Analog Devices ADPL12005 Datasheet HTML 12Page - Analog Devices ADPL12005 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 9
Pin Configurations
TOP VIEW
3
11
10
2
1
17 FC2QFN
(3.5mm x 3.75mm)
5
7
4
8
9
ADPL12005
ADPL12006
6
EN
BST
SUP
PGND
PGND
BIAS
GND
SUP
PGND
PGND
LX
Pin Descriptions
PIN
NAME
FUNCTION
1
EN
High-Voltage-Compatible Input for Circuit Activation. If this pin is low, the part is off.
2
BST
High-Side Driver Supply. Connect a 0.1μF capacitor between LX and BST for proper operation.
3, 9
SUP
IC Supply Input. Connect a 1μF or larger ceramic capacitor in parallel with a 4.7μF cap from SUP to
PGND.
4, 5, 7, 8
PGND
Power Ground. Connect all PGND pins together.
6
LX
BUCK Switching Node. High impedance when the part is off. Connect LX to the switched side of the
appropriate inductor.
10
GND
Analog Ground
11
BIAS
1.8V Internal BIAS Supply. Connect a minimum of 2μF ceramic capacitor to PGND.
12
FB
Feedback Pin. Connect a resistor divider from OUT to FB to GND to set the output voltage.
13
OUT
Buck Regulator Output Voltage-Sense Input.
14
VEA
Internal Voltage Loop Error-Amplifier Output. Connect to VEA of the target for dual-phase operation.
Leave unconnected for single-phase operation.
15
PGOOD
Open-Drain Reset Output. External pull-up is required.
16
SYNC
SYNC. If connected to GND, Skip-mode operation is enabled under light loads. If connected to BIAS,
forced-PWM mode is enabled.
17
SYNCOUT
180° Out-of-Phase Clock Output for Multiphase Operation. Leave SYNCOUT open for single-phase
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com