Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 9Page - Analog Devices ADPL12005 Datasheet HTML 10Page - Analog Devices ADPL12005 Datasheet HTML 11Page - Analog Devices ADPL12005 Datasheet HTML 12Page - Analog Devices ADPL12005 Datasheet HTML 13Page - Analog Devices ADPL12005 Datasheet HTML 14Page - Analog Devices ADPL12005 Datasheet HTML 15Page - Analog Devices ADPL12005 Datasheet HTML 16Page - Analog Devices ADPL12005 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 13
Input Capacitor
The input filter capacitor reduces peak currents drawn from the power source and reduces noise and voltage ripple on
the input caused by the circuit's switching. The ADPL12005/ADPL12006 incorporates a symmetrical pinout that can be
leveraged for better EMI performance. Connect two high-frequency 0603 or smaller capacitors on two SUP pins on either
side of the package for good EMI performance. Connect a high-quality, 4.7μF (or larger) low-ESR ceramic capacitor on
the SUP pin for low-input voltage ripple.
A bulk capacitor with higher Equivalent series resistance (ESR), such as an electrolytic capacitor, is normally required as
well to lower the Q of the front-end circuit and provide the remaining capacitance needed to minimize input-voltage ripple.
The input capacitor RMS current requirement (IRMS) is defined by the following equation:
Equation 6:
IRMS = ILOADMAX × (
√
VOUT × (VSUP - VOUT)
VSUP
)
IRMS has a maximum value when the input voltage equals twice the output voltage:
VSUP = 2 × VOUT
Therefore:
IRMS =
ILOAD(MAX)
2
Choose an input capacitor that exhibits less than +10°C self-heating temperature rise at the RMS input current for optimal
long-term reliability. The input-voltage ripple consists of ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by
the ESR of the capacitor). Use low-ESR ceramic capacitors with high ripple-current capability at the input. Assume the
contribution from the ESR and capacitor discharge is equal to 50%. Calculate the input capacitance and ESR required
for a specified input voltage ripple using the following equations:
Equation 7:
ESRIN =
∆VESR
IOUT + ∆IL 2
⁄
Where:
∆IL=
(
VSUP - VOUT) × VOUT
VSUP × fSW × L
and:
CIN =
IOUT × D(1 - D)
∆VQ × fSW
D =
VOUT
VSUP
where:
IOUT = maximum output current
D = duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com