Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 5 Page - Analog Devices

  ADPL12005 Datasheet HTML 1Page - Analog Devices ADPL12005 Datasheet HTML 2Page - Analog Devices ADPL12005 Datasheet HTML 3Page - Analog Devices ADPL12005 Datasheet HTML 4Page - Analog Devices ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 5
Electrical Characteristics
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions, unless
otherwise noted. (See Note 1, Note 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3
20
V
Supply Current
ISUP_SHDN
VEN = 0V, TA = +25°C
4
6
μA
ISUP
VEN = high, VOUT = 3.3V, no load,
switching
20
SUP Undervoltage
Lockout
VSUP_UVLO_R
ISE
SUP voltage rising
2.945
3.025
3.175
V
VSUP_UVLO_F
ALL
SUP voltage falling
2.655
2.725
2.870
BIAS Undervoltage
Lockout
VBIAS_UVLO
BIAS voltage falling
1.53
1.58
1.63
V
BIAS Undervoltage Lock
VBIAS_UVLO_
HYS
BIAS UVLO hysteresis
50
mV
BIAS Voltage
VBIAS
1.8
V
BUCK CONVERTER
Output Voltage
Adjustable Range
VOUT
fSW = 400kHz
0.8
12
V
fSW = 1.5MHz
0.8
10
Feedback Voltage
Accuracy
VFB_PWM
PWM mode, no load
0.787
0.800
0.813
V
Feedback Leakage
Current
IFB
VFB = 0.8V, TA = +25°C
100
nA
High-Side Double
diffusion metal oxide
semiconductor field-
effect (DMOS)
On-Resistance
RDSON_HS
VBIAS = 1.8V, ILX = 2A
46
95
mΩ
Low-Side DMOS
On-Resistance
RDSON_LS
VBIAS = 1.8V, ILX = 2A
23
47
mΩ
High-Side DMOS
Current-Limit Threshold
ILIM
ADPL12005
6.5
7.5
8.5
A
ADPL12006
7.5
8.75
10
Low-Side DMOS
Negative Current-Limit
Threshold
INEG
ADPL12005
-3
A
ADPL12006
-3.5
LX Leakage
ILX_LKG
VSUP = 20V, VLX = 0V, or VLX = 20V,
TA = +25°C
1
μA
Soft-Start Ramp Time
tSS
fSW = 400kHz
2.5
ms
fSW = 1.5MHz
3.5
Minimum On-Time
tON
(See Note 3)
36
65
ns
Maximum Duty Cycle
DMAX
Dropout Mode
96
%
SWITCHING FREQUENCY
PWM Switching
Frequency
fSW
fSW = 400kHz
360
400
440
kHz
fSW = 1.5MHz
1.375
1.500
1.625
MHz
SYNC External Clock
Frequency
fSYNC
fSW = 400kHz
360
600
kHz
fSW = 1.5MHz
1.215
1.845
MHz
PGOOD OUTPUT
PGOOD Threshold
VPGOOD_THR VOUT rising
92
94
96
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com