Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 1 Page - Analog Devices

  ADPL12005 Datasheet HTML 1Page - Analog Devices ADPL12005 Datasheet HTML 2Page - Analog Devices ADPL12005 Datasheet HTML 3Page - Analog Devices ADPL12005 Datasheet HTML 4Page - Analog Devices ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
20V, 5A/6A Fully Integrated Synchronous
Buck Converters
ADPL12005/ADPL12006
19-102008; Rev 0; 5/25
© 202
5 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The
ADPL12005/ADPL12006
ICs
are
small,
synchronous buck converters with integrated high-side
and low-side switches. The ICs are designed to deliver
up to 6A with wide input voltages ranging from 3V to
20V. Voltage quality can be monitored by observing the
PGOOD signal. The ICs can operate in dropout by
running at a very high duty cycle, making it ideal for
factory automation applications.
The ADPL12005/ADPL12006 ICs offer programmable
output voltage. The frequency is internally fixed at
400kHz and 1.5MHz, allowing for small external
components and reduced output ripple. The ICs
automatically enter skip mode at light loads with ultra-
low quiescent current of 20μA at no load. This family of
products (including the ADPL12008/ADPL12010) offers
a pin-to-pin compatible offering from 5A to 10A in a
single-phase configuration, and up to 20A in a dual-
phase configuration. These devices are also optimized
for dual-phase operation with very high current-sharing
accuracy.
The ADPL12005/ADPL12006 ICs are available in a
small 3.5mm x 3.75mm, 17-pin flip-chip quad flat no-lead
(FC2QFN)
package,
utilizing very
few external
components.
Applications
• Factory Automation
• Point-of-Load
• Distributed DC Power Systems
• Communication Infrastructure
• Test and Measurement
Benefits and Features
• Multiple Functions for Small Size
• Operating VIN Range of 3V to 20V
• 20μA Quiescent Current in Skip Mode
• Synchronous DC-DC Converter with Integrated
Field-Effect Transistors (FETs)
• 400kHz and 1.5MHz Fixed-Frequency Options
• Internal Soft-Start
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• Programmable Output Voltage
- 0.8V to 12V for 400kHz
- 0.8V to 10V for 1.5MHz
• 3.5mm x 3.75mm, 17-Pin FC2QFN
• Symmetrical Package Offers Superior
Electromagnetic Interference (EMI) Performance
• Dual Phase Capability
• Can be used in Dual-Phase Configuration for
High-Power Design
• Dynamic Current Sharing through Shared VEA
Pin
• Low-IQ Operation Capability in Dual Phase
• Precise Output Voltage Monitoring with PGOOD
• Forced–Pulse-Width
Modulation
(PWM)
and
Skip-Mode Operation
• Low Dropout Operation
• Overtemperature and Short-Circuit Protection
• -40°C to +150°C Operating Junction Temperature
Range
Ordering Information appears at end of data sheet.


Similar Part No. - ADPL12005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results

Similar Description - ADPL12005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com