Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 4 Page - Analog Devices

  ADPL12005 Datasheet HTML 1Page - Analog Devices ADPL12005 Datasheet HTML 2Page - Analog Devices ADPL12005 Datasheet HTML 3Page - Analog Devices ADPL12005 Datasheet HTML 4Page - Analog Devices ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 4
Absolute Maximum Ratings
SUP....................................................................-0.3V to +22V
EN ......................................................................-0.3V to +22V
BST to LX..........................................................-0.3V to +2.2V
BST ....................................................................-0.3V to +24V
LX.............................................................. -0.3V to SUP+0.3V
SYNCOUT............................................................-0.3V to +6V
SYNC ...................................................................-0.3V to +6V
VEA ...........................................................-0.3V to BIAS+0.3V
FB .............................................................-0.3V to BIAS+0.3V
OUT....................................................................-0.3V to +16V
PGOOD................................................................-0.3V to +6V
BIAS ................................................................. -0.3V to +2.2V
PGND to AGND ................................................ -0.3V to +0.3V
LX Continuous RMS Current................................................6A
ESD Protection
__Human Body Model ..................................................... ±2kV
__Charged Device Model...............................................±750V
__Continuous Power Dissipation (TA = +70°C, derate 34.48
mW/°C above +70°C.)................................................2758mW
__Operating Junction Temperature................ -40°C to +150°C
__Storage Temperature Range ..................... -65°C to +150°C
__Soldering Temperature (Soldering 10sec)................ +300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package Code
F173A3F+2F
Outline Number
21-100700
Land Pattern Number
90-100240
Thermal Resistance, JEDEC Board
Junction to Ambient (θJA)
38.41°C/W
Junction to Case (θJC)
10.35°C/W
Thermal Resistance, Four-Layer EV Kit Board
Junction to Ambient (θJA)
29°C/W
Junction to Case (θJC)
10.51°C/W
For the latest package outline information and land patterns (footprints), go to https://www.analog.com/en/design-center/packaging-
quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using both the four-layer EV kit as well as the method described in JEDEC specification
JESD51-7. For detailed information on package thermal considerations, refer to https://www.analog.com/en/technical-articles/thermal-
characterization-of-ic-packages.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com