Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices ADPL12005 Datasheet HTML 10Page - Analog Devices ADPL12005 Datasheet HTML 11Page - Analog Devices ADPL12005 Datasheet HTML 12Page - Analog Devices ADPL12005 Datasheet HTML 13Page - Analog Devices ADPL12005 Datasheet HTML 14Page - Analog Devices ADPL12005 Datasheet HTML 15Page - Analog Devices ADPL12005 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 12
Applications Information
Setting the Output Voltage
To program the output voltage, connect a resistor-divider from the output (OUT) to GND (See Figure 2). Select RFB2
(FB to GND resistor) less than or equal to 50kΩ. Calculate RFB1 (OUT to FB resistor) with the following equation:
Equation 1:
RFB1 = RFB2 × (
VOUT
VFB
– 1)
Where, VFB is the feedback regulation voltage. See the Electrical Characteristics table for more details.
ADPL12005
ADPL12006
FB
RFB1
VOUT
RFB2
Figure 2. Output Voltage Setting using External Resistor-Divider
Table 1 provides component selection recommendations for each output range for the adjustable-output configuration.
Recommendations can be further optimized for specific applications. The CFF values listed in Table 1 are recommended
based on RFB1 = 50kΩ. The CFF recommendation changes with the RFB1 selection.
Table 1. Recommended Components
SWITCHING
FREQUENCY (kHz)
VOUT (V)
INDUCTOR (µH)
EFFECTIVE COUT (µF)
CFF (pF)
400
0.8V–1.8V
1.5
440
100
1.8V–3V
3.3
440
100
3V–5V
3.3
150
47
5V–10V
4.7
90
100
10V–12V
6.8
90
100
1500
0.8V–1.8V
0.47
240
10
1.8V–3V
0.56
100
33
3V–5V
1.2
66
33
5V–10V
2.2
44
82
Inductor Selection
Inductor design is a compromise between the size, efficiency, control-loop bandwidth, and stability of the converter.
Insufficient inductance value would increase the inductor current ripple, causing higher conduction losses and higher
output voltage ripple. Since the slope compensation is fixed internally for the ADPL12005/ADPL12006, it might also cause
current-mode-control instability to appear. A large inductor reduces the ripple, but increases the size and cost of the
solution and slows the response. The nominal standard value selected should be within ±30% of the specified inductance.
See Table 1 for recommended inductor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com