Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 2 Page - Analog Devices

  ADPL12005 Datasheet HTML 1Page - Analog Devices ADPL12005 Datasheet HTML 2Page - Analog Devices ADPL12005 Datasheet HTML 3Page - Analog Devices ADPL12005 Datasheet HTML 4Page - Analog Devices ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 2
Simplified Block Diagram
PGOOD THRESHOLD
PGOOD COMP
PGOOD
INTERNAL
SOFT-START
REF = 0.8V
AVERAGE
CURRENT
SENSE
SIGNAL
SLOPE COMP
LOGIC
OSCILLATOR
CLK
ILIM THRESHOLD
PWM
EXTERNAL CLOCK
TIED HI (PWM MODE)
TIED LO (SKIP MODE)
FSYNC
SELECT
LOGIC
ZX COMP
EN
PWM
CLK
LX
ZX
BIAS
INTERNAL
LINEAR
REGULATOR
STEP DOWN DC-DC
GATE CONTROL LOGIC
BIAS
BIAS
SUP
LX
PGND
BIAS
ADPL12005
ADPL12006
SWITCHOVER
OUT
SYNCOUT
BST
VEA
EN
SYNC
GND
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com