Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12005 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 2Page - Analog Devices ADPL12005 Datasheet HTML 3Page - Analog Devices ADPL12005 Datasheet HTML 4Page - Analog Devices ADPL12005 Datasheet HTML 5Page - Analog Devices ADPL12005 Datasheet HTML 6Page - Analog Devices ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices ADPL12005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 6
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions, unless
otherwise noted. (See Note 1, Note 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VPGOOD_THF VOUT falling
91
93
95
PGOOD Debounce
Time
tDEB
Rising
fSW = 400kHz
100
μs
fSW = 1.5MHz
140
Falling
fSW = 400kHz
50
fSW = 1.5MHz
70
PGOOD Leakage
Current
IPGOOD_LKG
TA = +25°C
1
μA
PGOOD Low Voltage
Level
VPGOOD_LOW Sinking 1mA
0.4
V
LOGIC LEVELS
EN High Voltage Level
VEN_HIGH
1.2
V
EN Low Voltage Level
VEN_LOW
0.5
V
EN Input Current
IEN
VEN = VSUP = 20V, TA = +25°C
1
μA
SYNC High Voltage
Level
VSYNC_HIGH
1.4
V
SYNC Low Voltage
Level
VSYNC_LOW
0.4
V
SYNCOUT Output
Voltage Level
VSYNCOUT
No load
2.6
3.3
3.9
V
THERMAL PROTECTION
Thermal Shutdown
TSHDN
175
°C
Thermal Shutdown
Hysteresis
TSHDN_HYS
20
°C
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range and relevant supply
voltage are guaranteed by design and characterization.
Note 2: The device is designed for continuous operation up to TJ = +125°C for 95,000 hours and TJ = +150°C for 5,000 hours.
Note 3: Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com