Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85160948 Datasheet (PDF) - Huber+Suhner, Inc.

85160948 Datasheet PDF - Huber+Suhner, Inc.
Part # 85160948
Download  85160948 Download
File Size   211.79 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex_SN-SN_UPC_1.6mm_yellow_SM/A2

85160948 Datasheet (PDF)

Go To PDF Page Download Datasheet
85160948 Datasheet PDF - Huber+Suhner, Inc.

Part # 85160948
Download  85160948 Click to download

File Size   211.79 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex_SN-SN_UPC_1.6mm_yellow_SM/A2

85160948 Datasheet (HTML) - Huber+Suhner, Inc.


85160948 Product details

Properties
• High pe
ormance ferrule
technology
• Easy polarity change w/o
tools
• High density connector




Similar Part No. - 85160948

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85160945 HUBERSUHNER-85160945 Datasheet
192Kb / 2P
Pigtail_SN_UPC_0.9mm_yellow_SM/A2
85160946 HUBERSUHNER-85160946 Datasheet
197Kb / 2P
Pigtail_SN_APC_0.9mm_yellow_SM/A2
85160947 HUBERSUHNER-85160947 Datasheet
202Kb / 2P
Pigtail_SN_MM_0.9mm_heatherviolet_OM4
85160949 HUBERSUHNER-85160949 Datasheet
212Kb / 2P
Duplex_SN-SN_APC_1.6mm_yellow_SM/A2
More results


Similar Description - 85160948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
NICAM/A2/EIA-J Digital Stereo Decoder
logo
PHOENIX CONTACT
1884335 PHOENIX-1884335 Datasheet
105Kb / 4P
VC-MEMV-A2
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
VC-MP-A2
logo
Tyco Electronics
3-1469372-7 MACOM-3-1469372-7 Datasheet
123Kb / 2P
ATCA GUIE MODULE (REAR TRANSITION MODULE-A2)
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
NICAM/A2/EIA-J
logo
PHOENIX CONTACT
1679281 PHOENIX-1679281 Datasheet
107Kb / 4P
HC-M-MHR-A2-N
1886773 PHOENIX-1886773 Datasheet
62Kb / 2P
Protective covers - VC-SD-A2
1704535 PHOENIX-1704535 Datasheet
62Kb / 2P
FKC 2,5/ 2-ST BD:A1,A2
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com