Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEA109 Datasheet (PDF) - Deep Sea Electronics

DSEA109 Datasheet PDF - Deep Sea Electronics
Part # DSEA109
Download  DSEA109 Download
File Size   146.84 Kbytes
Page   2 Pages
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics
Description DIGITAL AUTOMATIC VOLTAGE REGULATOR (AVR) WITH CAN COMMUNICATIONS & PMG

DSEA109 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSEA109 Datasheet PDF - Deep Sea Electronics

Part # DSEA109
Download  DSEA109 Click to download

File Size   146.84 Kbytes
Page   2 Pages
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics
Description DIGITAL AUTOMATIC VOLTAGE REGULATOR (AVR) WITH CAN COMMUNICATIONS & PMG

DSEA109 Datasheet (HTML) - Deep Sea Electronics


DSEA109 Product details

KEY FEATURES
• Power input compatible with
3-phase PMG, single phase PMG,
auxiliary and shunt windings.
• 3-phase or single phase generator
output voltage sensing.
• CAN port providing J1939 communications.
• Soft start ramping.
• Under Frequency Roll Off (UFRO)
protection with optional
instantaneous step.
• Loss of voltage sensing protection.
• Over excitation protection.
• Remote voltage adjustment.
- 5 kΩ potentiometer with
open circuit protection.
- -10 V DC to 10 V DC.
• DIP switch selection for 6 configurations and 2 stability ranges.
• Potentiometer adjustment for
voltage set points, droop, UFRO,
proportional and integral gain.
• LED indication for fault and
operating status.
• Configurable via DSE Configuration
Suite PC software connected via
the DSE815 configuration interface.
• Chassis mountable potted
enclosure.
• Spade terminals for simple
connection.




Similar Part No. - DSEA109

ManufacturerPart #DatasheetDescription
logo
MMD Components
DSEA1 MMD-DSEA1 Datasheet
85Kb / 1P
HC-49/US Surface Mounted Crystal
logo
Thinki Semiconductor Co...
DSEA16-02BC THINKISEMI-DSEA16-02BC Datasheet
270Kb / 2P
16.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
DSEA16-04BC THINKISEMI-DSEA16-04BC Datasheet
270Kb / 2P
16.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
logo
IXYS Corporation
DSEA16-06AC IXYS-DSEA16-06AC Datasheet
514Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220TM
DSEA16-06BC IXYS-DSEA16-06BC Datasheet
539Kb / 3P
HiPerDynFRED Epitaxial Diode ISOPLUS220
More results


Similar Description - DSEA109

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR540Z IRF-AUIRFR540Z Datasheet
280Kb / 12P
Automatic Voltage Regulator
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
1000 Watt Voltage Regulator - Automatic voltage
logo
SunLED Corporation
XSM2CYK983W SUNLED-XSM2CYK983W Datasheet
230Kb / 3P
Can be used with automatic insertion equipment
logo
Schneider Electric
LE600 SCHNEIDER-LE600 Datasheet
82Kb / 2P
Line-R 600VA Automatic Voltage Regulator
May 19, 2020
LE1200 SCHNEIDER-LE1200 Datasheet
86Kb / 2P
Line-R 1200VA Automatic Voltage Regulator
May 19, 2020
logo
List of Unclassifed Man...
SX460 ETC2-SX460 Datasheet
47Kb / 4P
AUTOMATIC VOLTAGE REGULATOR (AVR) SPECIFICATION, INSTALLATION AND ADJUSTMENTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com