Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAPC Datasheet (PDF) - EMP-Centauri s.r.o.

SCAPC Datasheet PDF - EMP-Centauri s.r.o.
Part # SCAPC
Download  SCAPC Download
File Size   434.82 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description SC/APC Attenuator 3dB

SCAPC Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAPC Datasheet PDF - EMP-Centauri s.r.o.

Part # SCAPC
Download  SCAPC Click to download

File Size   434.82 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description SC/APC Attenuator 3dB

SCAPC Datasheet (HTML) - EMP-Centauri s.r.o.


SCAPC Product details

Brief description:
SC/APC Singlemode Fixed Fiber Optic
Attenuator, Male-Female, 3dB (also
available 6dB Attenuator)




Similar Part No. - SCAPC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
287Kb / 1P
Precision Metal Film Resistors
logo
Kemet Corporation
SCA KEMET-SCA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
159Kb / 1P
Precision Metal Film Resistors
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
More results


Similar Description - SCAPC

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
logo
Molex Electronics Ltd.
106273-0701 MOLEX11-106273-0701 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0702 MOLEX11-106273-0702 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0703 MOLEX11-106273-0703 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0704 MOLEX11-106273-0704 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0705 MOLEX11-106273-0705 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0707 MOLEX11-106273-0707 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730702 MOLEX1-1062730702 Datasheet
49Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730705 MOLEX1-1062730705 Datasheet
49Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com