Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS868XR Datasheet (PDF) - QuWireless

AS868XR Datasheet PDF - QuWireless
Part # AS868XR
Download  AS868XR Download
File Size   1219.68 Kbytes
Page   4 Pages
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless
Description Directional 868MHz LoRa outdoor antenna

AS868XR Datasheet (PDF)

Go To PDF Page Download Datasheet
AS868XR Datasheet PDF - QuWireless

Part # AS868XR
Download  AS868XR Click to download

File Size   1219.68 Kbytes
Page   4 Pages
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless
Description Directional 868MHz LoRa outdoor antenna

AS868XR Datasheet (HTML) - QuWireless




Similar Part No. - AS868XR

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
AS868 AUREL-AS868 Datasheet
253Kb / 1P
Vertical Antenna for Outdoor use
logo
QuWireless
AS868 QUWIRELESS-AS868 Datasheet
1Mb / 4P
Directional 915MHz LoRa outdoor antenna
More results


Similar Description - AS868XR

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0868AT43A0020 JOHANSON-0868AT43A0020 Datasheet
177Kb / 3P
868MHz Antenna
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
TI08C0112 ETC2-TI08C0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Level One
WAN-2218 LVL1-WAN-2218 Datasheet
251Kb / 3P
18dBi Directional Yagi Outdoor Antenna
logo
Pulse A Technitrol Comp...
RO3ISMNM PULSE-RO3ISMNM Datasheet
345Kb / 4P
Outdoor Rated, Omni Directional Antenna
logo
Taoglas antenna solutio...
TI.08.C.0112 TAOGLAS-TI.08.C.0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Taoglas antenna solutio...
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
logo
Molex Electronics Ltd.
2161960001 MOLEX-2161960001 Datasheet
34Kb / 1P
Lora 868MHz High-Band External Antenna, 196.00mm Length, with SMA (M) Connector
04/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com