Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS868XR Datasheet(PDF) 1 Page - QuWireless

Part # AS868XR
Description  Directional 868MHz LoRa outdoor antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

AS868XR Datasheet(HTML) 1 Page - QuWireless

  AS868XR Datasheet HTML 1Page - QuWireless AS868XR Datasheet HTML 2Page - QuWireless AS868XR Datasheet HTML 3Page - QuWireless AS868XR Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QuPanel XR LoRa 868MHz
Directional 868MHz LoRa outdoor antenna
QuPanel XR LoRa EU operates at 868MHz (EU868, IN865, RU864) with 12.5dBi gain. Experience unparalleled reach
with this high-gain directional antenna. Its advanced design enables your LoRa devices to communicate effectively
over long distances, even in challenging outdoor environments. Comparing to omnidirectional antenna, sector
antenna transmits signal to a farther distance because of the antenna’s directional gain.
Advanced mounting system gives significant advantage that it can be adjusted in the range of +/-35 degrees in
two planes, also in case of wall mounting.
Unlock the full potential of your LoRa-based IoT applications with our directional, outdoor LoRa antenna.
Experience extended range, reduced interference, and enhanced connectivity for your LoRa networks. Trust in its
durability, precision, and ease of installation to elevate the performance of your IoT solutions.
DATASHEET / AS868XR, AS868XR
VERSION / 2.07
OUTDOOR ANTENNA WORKS IN ANY
WEATHER CONDITIONS, IP67
WALL OR POLE MOUNTING BRACKET
NF CONNECTOR
90°/30° BEAMWIDTH
POE 12.5DBI GAIN


Similar Part No. - AS868XR

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
AS868 AUREL-AS868 Datasheet
253Kb / 1P
Vertical Antenna for Outdoor use
logo
QuWireless
AS868 QUWIRELESS-AS868 Datasheet
1Mb / 4P
Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS868XR

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0868AT43A0020 JOHANSON-0868AT43A0020 Datasheet
177Kb / 3P
868MHz Antenna
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
TI08C0112 ETC2-TI08C0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Level One
WAN-2218 LVL1-WAN-2218 Datasheet
251Kb / 3P
18dBi Directional Yagi Outdoor Antenna
logo
Pulse A Technitrol Comp...
RO3ISMNM PULSE-RO3ISMNM Datasheet
345Kb / 4P
Outdoor Rated, Omni Directional Antenna
logo
Taoglas antenna solutio...
TI.08.C.0112 TAOGLAS-TI.08.C.0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Taoglas antenna solutio...
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
logo
Molex Electronics Ltd.
2161960001 MOLEX-2161960001 Datasheet
34Kb / 1P
Lora 868MHz High-Band External Antenna, 196.00mm Length, with SMA (M) Connector
04/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com