Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6F Datasheet (PDF) - Zemic Europe B.V.

B6F Datasheet PDF - Zemic Europe B.V.
Part # B6F
Download  B6F Download
File Size   436.83 Kbytes
Page   3 Pages
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.
Description Type B6F Load Cell

B6F Datasheet (PDF)

Go To PDF Page Download Datasheet
B6F Datasheet PDF - Zemic Europe B.V.

Part # B6F
Download  B6F Click to download

File Size   436.83 Kbytes
Page   3 Pages
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.
Description Type B6F Load Cell

B6F Datasheet (HTML) - Zemic Europe B.V.


B6F Product details

Short Description
• Stainless steel IP67 single point load cell
• Bending beam
• Suitable for mobile weighing systems, garbage trucks,
belt scales, container and tank scales, etc.
• Maximum platform size:
o for 150kg: 400 x 400 mm
o for 250kg – 500kg: 600 x 800 mm
o for 750kg – 2t: 1200 x 1200 mm





Similar Description - B6F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
logo
G.M. International
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
logo
KISTLER INSTRUMENT CORP...
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com