Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6F Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # B6F
Description  Type B6F Load Cell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

B6F Datasheet(HTML) 2 Page - Zemic Europe B.V.

  B6F Datasheet HTML 1Page - Zemic Europe B.V. B6F Datasheet HTML 2Page - Zemic Europe B.V. B6F Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type B6F Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.11 B6F Rev7
info@zemic.nl
Page 2/3
www.zemiceurope.com
Technical Specifications B6F
Accuracy Class
C3
OIML R60 C3
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.2
Maximum Capacity ( Emax )
kg
150, 250
500, 750, 1000, 2000
Max. Number of Load Cell Intervals
nLC
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
10000
12000
Combined Error
%FS
≤± 0.023
Creep Error (30 minutes)
%FS
≤± 0.0245
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.014
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
Zero Balance
%FS
≤± 1.5
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Eccentric Loading Error
%Ld/cm
± 0.002
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
384 ± 4
Output Resistance
Ω
350 ± 2
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Load Cell Weight
kg
150kg - 500kg: ~4.8
750kg - 2t: ~9.5 – 10.4
Element Material
Stainless Steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M12: 100
M16:160
ATEX Classification (optional)
II 1G Ex ia IIC T4 Ga
II 1D Ex ia IIIC T 200 135°C Da
II 3G Ex ic IIC T4 Gc
Wiring
Features:
Cable type:
Shielded, 6 conductor cable , conductor AWG 24
Cable diameter: Ø 6.2mm
Cable length:
3.0m
Cable jacket:
PVC
Shield not connected to element
6-Wire Connection Diagram
Excitation (+)
Sense (+)
Signal (-)
Sense (-)
Excitation (-)
Signal (+)
Red
Brown
White
Black
Yellow
Blue



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com