Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWR2944 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AWR2944 Datasheet PDF - Texas Instruments
Part # AWR2944
Download  AWR2944 Download
File Size   1712.17 Kbytes
Page   84 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWR2544 Single-Chip 76-81GHz FMCW Radar SoC with Launch-On-Package (LOP) Waveguide Interface for ADAS Applications

AWR2944 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWR2944 Datasheet PDF - Texas Instruments

Part # AWR2944
Download  AWR2944 Click to download

File Size   1712.17 Kbytes
Page   84 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWR2544 Single-Chip 76-81GHz FMCW Radar SoC with Launch-On-Package (LOP) Waveguide Interface for ADAS Applications

AWR2944 Datasheet (HTML) - Texas Instruments


AWR2944 Product details

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 76 to 81-GHz coverage with greater than 4 GHz
available bandwidth
– 4 receive and 4 transmit channels with
Launch-on-Package (LOP) interface to
antennas
– Per transmit phase shifter
– Ultra-accurate chirp engine based on fractional
PLL
– TX power
• +12 dBm
– RX noise figure
• +13 dB
– Phase noise (@ 1MHz)
• -96 dBc/Hz (76 to 77GHz)
• -95 dBc/Hz (76 to 81GHz)
• Built-in calibration and self-test
– Built in firmware (ROM)
– Self-calibrating system across process and
temperature
• Processing elements
– Arm® Cortex-R5F® core (supports lock step
operation) at 300 MHz
– TI radar hardware accelerator (HWA1.5) for
operations like FFT, interference mitigation, and
memory compression
– Multiple EDMA instances for data movement
• Host interface
– 10/100/1000Mbps RGMII/RMII/MII Ethernet
– 25MHz clock output for Ethernet PHY clocking
• Supports a serial flash memory interface (loading
user application from QSPI flash memory)
• Other interfaces available to user application
– Up to 4 ADC channels
– 1 SPI
– 2 UARTs
– I2C
– GPIOs
– 3 EPWMs
– 2-lane LVDS interface for raw ADC data and
debug instrumentation
• On-Chip RAM
– 2MB
– Memory space split between MCU and shared
L3
• Device security (on select part numbers)
– Programmable embedded hardware security
module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), asymmetric keys (up to RSA-4K
or ECC-512) with key revocation capability
– Cryptographic hardware accelerators: PKA with
ECC, AES (up to 256 bit), SHA (up to 512 bit),
TRNG/DRBG
• Functional safety compliant targeted
– Developed for functional safety applications
– Documentation available to aid ISO26262
functional safety system design
– Hardware integrity up to ASIL B targeted
• AEC-Q100 qualified
• Advanced features
– Embedded self-monitoring with no external
processor involvement
– Embedded interference detection capability
• Power management
– On-die LDO network for enhanced PSRR
– LVCMOS IO supports dual voltage 3.3 V and
1.8 V
• Clock source
– 40MHz or 50MHz crystal with internal oscillator
– Supports external oscillator/driven clock at 40
MHz or 50 MHz
• Power Management
– Recommended LP8772-Q1 Power
Management IC (PMIC)
• Companion PMIC specially designed to
meet device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Cost-reduced hardware design
– 0.65-mm pitch, 12.4-mm × 12-mm FCSSP
package
– Small size
• Supports automotive temperature operating range
– Operating junction temperature range: –40°C to
+140°C

2 Applications
• Lane change assist
• Blind spot detection
• Automatic emergency braking
• Adaptive cruise control
• Cross traffic alert
• Satellite

3 Description
The AWR2544 is a single-chip mmWave sensor composed of a FMCW transceiver. The device is capable of
operation in the 76 to 81GHz (EHF) band, includes radar data processing elements, and a rich set of peripherals
for in-vehicle networking. AWR2544 provides customers with an additional Launch on package (LOP) antenna
feature which facilitates the attachment of antennas directly on to the package. The AWR2544 is built with TI’s
low-power 45 nm RFCMOS process and enables unprecedented levels of integration in a small form factor and
minimal BOM. The AWR2544 is designed for low-power, self-monitored, ultra-accurate radar systems in the
automotive space.
TI’s low-power 45nm RFCMOS process enables a monolithic implementation of a 4 TX, 4 RX system with
integrated PLL, VCO, mixer, and baseband ADC. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user-programmable Arm Cortex-R5F processor allowing for custom control
and automotive interface applications. The hardware accelerator block (HWA 1.5) supplements the MSS by
offloading common radar processing such as FFT, scaling, and compression. This saves MIPS on the external
processor, opening up resources for custom applications and implementation of higher-level post-processing
algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only secure part variants).
The HSM consists of a programmable Arm Cortex-M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.




Similar Part No. - AWR2944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR2944 TI-AWR2944 Datasheet
2Mb / 93P
AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
SWRS273 ??NOVEMBER 2021
AWR2944 TI-AWR2944 Datasheet
1Mb / 98P
AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor
REVISED MARCH 2023
AWR2944 TI1-AWR2944 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
AWR2944 TI-AWR2944 Datasheet
1Mb / 87P
AWR2544 Single-Chip 76-81GHz FMCW Radar SoC with Launch-On-Package (LOP) Waveguide Interface for ADAS Applications
DECEMBER 2024
AWR2944-ECO TI2-AWR2944-ECO Datasheet
1Mb / 93P
AWR2944P/AWR2E44P/AWR2944-ECO/AWR2E44-ECO/AWR2944LC/AWR2E44LC Single-Chip 76 to 81GHz FMCW Automotive Radar Sensor
REVISED JUNE 2025
More results


Similar Description - AWR2944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR2243 TI1-AWR2243 Datasheet
1Mb / 59P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2944 TI-AWR2944 Datasheet
2Mb / 93P
AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
SWRS273 ??NOVEMBER 2021
AWR2943 TI-AWR2943 Datasheet
1Mb / 98P
AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor
REVISED MARCH 2023
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com