Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0002SMB Datasheet (PDF) - Tyco Electronics

AM50-0002SMB Datasheet PDF - Tyco Electronics
Part # AM50-0002SMB
Download  AM50-0002SMB Download
File Size   244.43 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.575 GHz

AM50-0002SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
AM50-0002SMB Datasheet PDF - Tyco Electronics

Part # AM50-0002SMB
Download  AM50-0002SMB Click to download

File Size   244.43 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.575 GHz

AM50-0002SMB Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM50-0002SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
214Kb / 5P
Low Noise Amplifier
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
211Kb / 3P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002SMB MA-COM-AM50-0002SMB Datasheet
135Kb / 3P
Low Noise Amplifier 1.575 GHz
More results


Similar Description - AM50-0002SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
Low Noise Amplifier 1.575 GHz
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
1.575 GHz Antenna
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com