Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8516 Datasheet (PDF) - NXP Semiconductors

PCA8516 Datasheet PDF - NXP Semiconductors
Part # PCA8516
Download  PCA8516 Download
File Size   403.55 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stand-alone OSD

PCA8516 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA8516 Datasheet PDF - NXP Semiconductors

Part # PCA8516
Download  PCA8516 Click to download

File Size   403.55 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stand-alone OSD

PCA8516 Datasheet (HTML) - NXP Semiconductors


PCA8516 Product details

GENERAL DESCRIPTION
The PCA8516 is a member of the PCA85XX CMOS family and is an on-screen character display generator controlled by a microcontroller via the on-chip fast I2C-bus interface or the on-chip High-speed 3-wire serial interface. It is suitable for use in high-end TV or camrecorder applications and has also been designed for use in conventional mid-end TV with advanced graphic features.

FEATURES
• Display RAM: 256 × 13 bits
• Display character fonts: 253 (fixed in ROM, mask programmable)
• Starting position of the first character displayed: 64 vertical and 64 horizontal starting positions can be selected by software
• Character size: 4 different character sizes on a line-by-line basis (1 dot = 1H/1V; 2H/2V; 3H/3V and 4H/4V)
• Character matrix: 12 × 18 with no spacing between characters and no rounding function
• Foreground colours: 16 combinations of Red, Green, Blue and Intensity on character-by-character basis
• Background/shadowing modes: 4 modes available, No background, Box shadowing, North-West shadowing and Frame shadowing (raster blanking) on frame basis
• Background colours: 16 combinations of Red, Green, Blue and Intensity on word-by-word basis. Available when background mode is in either the Box shadowing, North-West shadowing or Frame shadowing mode
• OSD oscillator: on-chip Phase-Locked Loop (PLL)
• Character blinking ratio: 1 : 1, 1 : 3 and 3 : 1 (programmable frequency of 1⁄16, 1⁄32, 1⁄64 or 1⁄128 of fVSYNC) on character basis
• Display format: flexible display format by using the Carriage Return Code, maximum number of characters per line is also flexible and depends upon the OSD clock frequency
• Spacing between lines: 4 choices comprising 0, 4, 8 and 12 horizontal scan lines
• Display character RAM address auto-post-increment when writing data
• Fast I2C-bus serial interface (400 kbaud) or High-speed 3-wire serial interface (1 Mbaud) for data/command transfer
• ACM (Active Character Monitor) specifically for use in camcorder applications on word basis; can also be used as a 5th colour control with R, G, B and I signals
• Programmable active input polarity of HSYNC and VSYNC
• Programmable output polarity of R, G, B, I and FB
• Supply voltage: 5 V ±10%
• Operating temperature: −20 to +70 °C
• Package: SDIP24 or SO24




Similar Part No. - PCA8516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85162 NXP-PCA85162 Datasheet
403Kb / 46P
Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
PCA85162 NXP-PCA85162 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85162 NXP-PCA85162 Datasheet
651Kb / 51P
32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
PCA85162T-Q900-1 NXP-PCA85162T-Q900-1 Datasheet
403Kb / 46P
Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
PCA85162T/Q900/1 NXP-PCA85162T/Q900/1 Datasheet
651Kb / 51P
32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
More results


Similar Description - PCA8516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
Stand-alone OSD for monitor applications
1997 Mar 03
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
stand-alone OSD Processor
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
Stand Alone Inclinometer
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
Stand Alone Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com