Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9937KCP Datasheet (PDF) - Analog Devices

AD9937KCP Datasheet PDF - Analog Devices
Part # AD9937KCP
Download  AD9937KCP Download
File Size   399.05 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processor with Precision Timing??Generator

AD9937KCP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9937KCP Datasheet PDF - Analog Devices

Part # AD9937KCP
Download  AD9937KCP Click to download

File Size   399.05 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processor with Precision Timing??Generator

AD9937KCP Datasheet (HTML) - Analog Devices


AD9937KCP Product details

GENERAL DESCRIPTION
The AD9937 is a highly integrated CCD signal processor. It includes a complete analog front end with A/D conversion, combined with a full-function programmable timing generator. A Precision Timing core allows adjustment of high speed clocks with 1.7 ns resolution at 12 MHz operation.

FEATURES
   12 MSPS Correlated Double Sampler (CDS)
   10-Bit 12 MHz A/D Converter
   No Missing Codes Guaranteed
   6 dB to 40 dB Variable Gain Amplifier (VGA)
   Black Level Clamp with Variable Level Control
   Complete On-Chip Timing Generator
   Precision Timing Core with 1.7 ns Resolution
   On-Chip: 6-Channel Horizontal and 1-Channel RS Drivers
   4-Phase Vertical Transfer Clocks
   Electronic and Mechanical Shutter Modes
   On-Chip Sync Generator with External Sync Option

APPLICATIONS
   Digital Still Cameras
   Industrial Imaging




Similar Part No. - AD9937KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Similar Description - AD9937KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com