Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP116 Datasheet PDF - Texas Instruments
Part # TMP116
Download  TMP116 Download
File Size   1207.35 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface

TMP116 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP116 Datasheet PDF - Texas Instruments

Part # TMP116
Download  TMP116 Click to download

File Size   1207.35 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface

TMP116 Datasheet (HTML) - Texas Instruments


TMP116 Product details

1 Features
• TMP119 high-accuracy temperature sensor
– ±0.03°C (typical) from 0°C to 45°C
– ±0.08°C (maximum) from 0°C to 45°C
– ±0.09°C (maximum) from –25°C to 85°C
– ±0.12°C (maximum) from –40°C to 85°C
– ±0.15°C (maximum) from –55°C to 125°C
– ±0.2°C (maximum) from –55°C to 150°C
• Operating temperature range: –55°C to 150°C
• Low power consumption:
– 3.5μA, 1Hz conversion cycle
– 150nA shutdown current
• Supply range:
– 1.7V to 5.5V from –55°C to 70°C
– 1.8V to 5.5V from –55°C to 150°C
• 16-bit resolution: 0.0078°C (1 LSB)
• Programmable temperature alert limits
• Selectable averaging
• Strain Tolerance
• Digital offset for system correction
• General-purpose EEPROM: 48 bits
• NIST traceability
• SMBus™, I2C interface compatibility
• Medical grade: helps meet ASTM E1112 and ISO
80601-2-56
• RTDs replacement: PT100, PT500, PT1000

2 Applications
• Electronic thermometers
• Wireless environmental sensors
• Thermostats
• Automotive test equipment
• Wearable fitness and activity monitors
• Cold chain asset tracking
• Gas meters and heat meters
• Temperature transmitters

3 Description
The TMP119 is a high-precision digital temperature
sensor. The device is designed to help meet
ASTM E1112 and ISO 80601 accuracy requirements
for electronic patient thermometers. The TMP119
provides a 16-bit temperature result with a resolution
of 0.0078°C and an accuracy of up to ±0.08°C
across the temperature range of 0°C to 45°C with
no calibration. The TMP119 has an interface that is
I2C- and SMBus™-compatible, programmable alert
functionality, and the device can support up to four
devices on a single bus. Integrated EEPROM is
included for device programming with an additional
48-bits memory available for general use. The
TMP119 operates from 1.7V to 5.5V and typically
consumes 3.5μA for a 1Hz conversion cycle.
For non-medical applications, the TMP119 can serve
as a single chip digital alternative to a Platinum
RTD. The TMP119 has an accuracy comparable to
a Class AA RTD, while only using a fraction of the
power of the power typically needed for a PT100
RTD. The TMP119 simplifies the design effort by
removing many of the complexities of RTDs such
as precision references, matched traces, complicated
algorithms, and calibration. The device is designed
to be strain tolerant, allowing robustness over typical
strains often seen in PCB manufacturing, including
device soldering, molding, underfill, and board flexing.
The TMP119 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.




Similar Part No. - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116 TI2-TMP116 Datasheet
720Kb / 46P
TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
REVISED MAY 2019
TMP116AIDRVR TI1-TMP116AIDRVR Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116AIDRVR TI2-TMP116AIDRVR Datasheet
720Kb / 46P
TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
REVISED MAY 2019
TMP116AIDRVR.A TI2-TMP116AIDRVR.A Datasheet
720Kb / 46P
TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
REVISED MAY 2019
More results


Similar Description - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
logo
NXP Semiconductors
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
logo
Texas Instruments
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com