Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet (PDF) - Texas Instruments

TMP116 Datasheet PDF - Texas Instruments
Part # TMP116
Download  TMP116 Download
File Size   720.64 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface

TMP116 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP116 Datasheet PDF - Texas Instruments

Part # TMP116
Download  TMP116 Click to download

File Size   720.64 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface

TMP116 Datasheet (HTML) - Texas Instruments


TMP116 Product details

1 Features
1• TMP116 accuracy without calibration:
– ±0.2°C (maximum) from –10°C to +85°C
– ±0.25°C (maximum) from –40°C to +105°C
– ±0.3°C (maximum) from +105°C to +125°C
• TMP116N accuracy, no calibration needed:
– ±0.3°C (maximum) from –25°C to +85°C
– ±0.4°C (maximum) from –40°C to +125°C
• Low Quiescent Current:
– 3.5-μA, 1-Hz conversion cycle
– 250-nA shutdown current
• Supply range: 1.9 V to 5.5 V
• Resolution: 16 bits at 0.0078°C (1 LSB)
• Programmable temperature alert limits
• Selectable averaging
• General-purpose EEPROM: 64 bits
• NIST traceability
• SMBus™, I2C interface compatibility

2 Applications
• Medical grade: meets ASTM and ISO spec
• Environmental monitoring and thermostats
• Wearables
• Asset tracking and cold chain
• Gas meters and heat meters
• Test and measurement
• RTDs replacement: PT100, PT500, PT1000
• Cold-junction compensation of thermocouples

3 Description
The TMP116 family (TMP116, TMP116N) consist of
low-power, high-precision temperature sensors with
integrated EEPROM memory. The TMP116 provides
a 16-bit temperature result with a resolution of
0.0078°C and an accuracy of up to ±0.2°C with no
calibration. The TMP116 is compatible with the I2Cand
SMBus interface, has programmable alert
functionality, and supports up to four devices on a
single bus.
The TMP116 consumes minimal current that, in
addition to providing power savings, minimizes selfheating
and improves measurement accuracy. The
TMP116 operates from 1.9 V to 5.5 V and typically
consumes 3.5 μA.
Across the device operating temperature range of
–55°C to +125°C, the TMP116 exceeds the accuracy
of a class A RTD, while consuming less than one fifth
of the typical excitation current for a PT100 RTD. The
TMP116 is easier to use than RTDs, eliminating the
need for calibration, external circuitry, matched
traces, and Kelvin connections.
The TMP116 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.




Similar Part No. - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116 TI1-TMP116 Datasheet
1Mb / 48P
TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP116AIDRVR TI1-TMP116AIDRVR Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116AIDRVT TI1-TMP116AIDRVT Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116N TI1-TMP116N Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Similar Description - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com