Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 5 Page - Texas Instruments

  TMP116 Datasheet HTML 1Page - Texas Instruments TMP116 Datasheet HTML 2Page - Texas Instruments TMP116 Datasheet HTML 3Page - Texas Instruments TMP116 Datasheet HTML 4Page - Texas Instruments TMP116 Datasheet HTML 5Page - Texas Instruments TMP116 Datasheet HTML 6Page - Texas Instruments TMP116 Datasheet HTML 7Page - Texas Instruments TMP116 Datasheet HTML 8Page - Texas Instruments TMP116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
8 averages, 1-Hz conversion cycle. Measurements are taken in oil bath.
(2)
±0.75°C maximum error between –55°C to –40°C.
(3)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(4)
Long-term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
(5)
Hysteresis is defined as the ability to reproduce a temperature reading as the temperature varies from room
→ hot → room → cold →
room. The temperatures used for this test are –40°C, 25°C, and 125°C.
(6)
Quiescent current between conversions.
6.5 Electrical Characteristics
minimum and maximum specifications are over –55°C to +125°C and V+ = 1.9 V to 5.5 V (unless otherwise noted); typical
specifications are at TA = 25°C and V+ = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE-TO-DIGITAL CONVERTER
Temperature
accuracy(1)
TMP116
–10°C to +85°C, V+ = 3.3 V
–0.2
±0.1
0.2
°C
–40°C to +105°C, V+ = 3.0 V to 3.6 V
–0.25
±0.2
0.25
+105°C to +125°C, V+ = 3.0 V to 3.6 V
–0.3
±0.25
0.3
–40°C to +125°C, V+ = 1.9 V to 5.5 V(2)
–0.4
±0.3
0.4
TMP116N
–25°C to +85°C, V+ = 3.3 V
–0.3
±0.2
0.3
–40°C to +125°C, V+ = 3.0 V to 3.6 V
–0.4
±0.3
0.4
–40°C to +125°C V+ = 1.9 V to 5.5 V(2)
–0.5
±0.4
0.5
DC power-supply sensitivity
One-shot mode, 8 averages, TA = 25°C
0
20
55
m°C/V
Temperature resolution (LSB)
7.8125
m°C
Repeatability(3)
V+ = 3.3 V, 8 averages, 1-Hz sampling
±1
LSB
Long-term stability and drift
300 hours at 150°C(4)
±0.02
°C
Temperature cycling and
hysteresis(1)(5)
±1
LSB
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
Input logic high level
0.7 (V+)
V
VIL
Input logic low level
0.3 (V+)
V
IIN
Input current
–0.2
0.2
µA
VOLS
SDA output logic low level
IOL = –3 mA
0
0.4
V
VOLA
ALERT output logic low level
IOL = –3 mA
0
0.4
V
POWER SUPPLY
IQ
Quiescent current
Active conversion, serial bus inactive
135
220
µA
1-Hz conversion cycle, averaging mode off,
serial bus inactive, 25°C
3.5
4.5
1-Hz conversion cycle, 8 averages mode,
serial bus inactive, 25°C
16
22
1-Hz conversion cycle, averaging mode off,
serial bus active, SCL frequency = 400 kHz
21
ISB
Standby current(6)
Serial bus inactive, SCL and SDA = V+, 25°C
1.25
2.1
µA
ISD
Shutdown current
Serial bus inactive, SCL and SDA = V+, 25°C
0.25
0.5
µA
Serial bus inactive, SCL and SDA = V+, 125°C
8.5
Serial bus active, SCL frequency = 400 kHz
17
IEE
EEPROM write quiescent current
ADC conversion off; serial bus inactive
240
µA
VPOR
Power-on-reset threshold voltage
V+ rising
1.6
V
Brownout detect
V+ falling
1.1
V
Reset time
Time required by device to reset
1.5
ms
Active conversion time
1 conversion
13.5
15.5
17
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com