Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 31Page - Texas Instruments TMP116 Datasheet HTML 32Page - Texas Instruments TMP116 Datasheet HTML 33Page - Texas Instruments TMP116 Datasheet HTML 34Page - Texas Instruments TMP116 Datasheet HTML 35Page - Texas Instruments TMP116 Datasheet HTML 36Page - Texas Instruments TMP116 Datasheet HTML 37Page - Texas Instruments TMP116 Datasheet HTML 38Page - Texas Instruments TMP116 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Application Information (continued)
The following methods can reduce the SHE:
•
System calibration removes not only the self-heating error and power-supply rejection ratio (PSRR) effect but
also compensates the temperature shift caused by the thermal resistance between the device and the
measured object.
•
If practical, use the device one-shot mode. If continuous conversion is needed, use the conversion cycle
mode with significant standby time. For example, in most cases an 8-sample averaging (125 ms) with a 1-
second conversion cycle provides enough time for the device to cool down to the environment temperature
and removes the SHE.
•
Use the minimal acceptable power supply voltage.
•
Use a printed-circuit board (PCB) layout that provides minimal thermal resistance to the device.
•
Avoid using small-value pullup resistors on the SDA and ALERT pins. Instead, use pullup resistors larger than
2 kΩ.
•
Ensure that the SCL and SDA signal levels remain below 10% or above 90% of the device supply voltage.
•
Avoid heavy bypass traffic on the data line. Communication to other devices on the same data line increases
the supply current even if the device is in SD mode.
•
Use the highest available communication speed.
8.1.1.2.3
Synchronized Temperature Measurements
When four temperature measurements are needed in four different places simultaneously, triggering by reset is
recommended. In this method, four devices are programed with control registers set to CC mode with a
conversion cycle time of 16 s. All four devices are connected to same two-wire bus with four different bus
addresses. The bus general-call reset command is issued by the master. This command triggers all devices to
reset (which takes approximately 1.5 ms) and triggers a simultaneous temperature sampling according to
configuration registers setting. The master has 16 seconds to read data from the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com