Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 9Page - Texas Instruments TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
(Active Current Consumption Active Conversion Time) + (Standby Current Consumption Standby Time)
Conversion Cycle Time
u
u
15.5 ms
124 ms
8 Conv
1 Second
Standby
8 Averages, 1-Hz CC
I
2C Temperature or
Configuration Register Read
Data_Ready Flag
13
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 20. Averaging Timing Diagram
Use Equation 1 to calculate the average current consumption of the device in continuous mode.
(1)
7.4.1.3 Continuous Conversion Mode (CC)
When the MOD[1:0] bits are set to 00, the TMP116 operates in continuous conversion mode. In this mode, the
device continuously performs temperature conversions as illustrated in Figure 19 and updates the temperature
result register at the end of every conversion or averaging cycle. As described in the Conversion Cycle section,
every conversion cycle consists of an active conversion period followed by a standby period whose duration can
be configured using the CONV and AVG bits in the configuration register. The configuration is based on the
temperature accuracy, power consumption, and temperature update rate. At the end of a conversion, the
Data_Ready flag in the configuration register is set. The Data_Ready flag is cleared by reading the configuration
register or the temperature result register. The state of the Data_Ready flag can also be monitored on the
ALERT pin by setting the DR/nAlert_EN bit in the configuration register.
7.4.1.4 Shutdown Mode (SD)
When 01 is written to the MOD bits in the configuration register, the device instantly aborts the currently running
conversion and enters a low-power shutdown mode. In this mode, the device powers down all active circuitry. In
SD mode, the device typically consumes only 250 nA, which makes the TMP116 suitable for low-power
consumption applications, such as battery-operated systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com