Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 6Page - Texas Instruments TMP116 Datasheet HTML 7Page - Texas Instruments TMP116 Datasheet HTML 8Page - Texas Instruments TMP116 Datasheet HTML 9Page - Texas Instruments TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
ALERT
Core
SCL
GND
ADD0
V+
SDA
Diode
Temp.
Sensor
'6
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
10
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP116 is a digital output temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP116 is two-wire, SMBus, and I2C interface-compatible. The device is specified
over an operating temperature range of –55°C to +125°C. Figure 17 shows a block diagram of the TMP116.
Figure 18 shows the ESD protection circuitry contained in the TMP116.
7.2 Functional Block Diagrams
Figure 17. Internal Block Diagram
Figure 18. Equivalent Internal ESD Circuitry
7.3 Feature Description
7.3.1 Power Up
After the supply voltage reaches within the operating range, the device requires 1.5 ms to power up before
conversions begin. The device can be programmed to startup in shutdown mode as well; see the EEPROM
Programming section. The temperature register stores –256°C before the first conversion end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com