Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 1 Page - Texas Instruments

  TMP116 Datasheet HTML 1Page - Texas Instruments TMP116 Datasheet HTML 2Page - Texas Instruments TMP116 Datasheet HTML 3Page - Texas Instruments TMP116 Datasheet HTML 4Page - Texas Instruments TMP116 Datasheet HTML 5Page - Texas Instruments TMP116 Datasheet HTML 6Page - Texas Instruments TMP116 Datasheet HTML 7Page - Texas Instruments TMP116 Datasheet HTML 8Page - Texas Instruments TMP116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Temperature ( C)
°
-20
0
40
60
80
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
116N Min Limit
116N Max Limit
-40
20
100
-55
Avg ±3σ
Average
116 Max Limit
116 Min Limit
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
Two-Wire
Host Controller
TMP116
SDA
5 k
Pullup
Resistors
1.9 V to 5.5 V
Supply Voltage
0.1-µF
Supply Bypass
Capacitor
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor
With SMBus- and I2C-Compatible Interface
1
1 Features
1
•
TMP116 accuracy without calibration:
–
±0.2°C (maximum) from –10°C to +85°C
–
±0.25°C (maximum) from –40°C to +105°C
–
±0.3°C (maximum) from +105°C to +125°C
•
TMP116N accuracy, no calibration needed:
–
±0.3°C (maximum) from –25°C to +85°C
–
±0.4°C (maximum) from –40°C to +125°C
•
Low Quiescent Current:
–
3.5-μA, 1-Hz conversion cycle
–
250-nA shutdown current
•
Supply range: 1.9 V to 5.5 V
•
Resolution: 16 bits at 0.0078°C (1 LSB)
•
Programmable temperature alert limits
•
Selectable averaging
•
General-purpose EEPROM: 64 bits
•
NIST traceability
•
SMBus™, I2C interface compatibility
2 Applications
•
Medical grade: meets ASTM and ISO spec
•
Environmental monitoring and thermostats
•
Wearables
•
Asset tracking and cold chain
•
Gas meters and heat meters
•
Test and measurement
•
RTDs replacement: PT100, PT500, PT1000
•
Cold-junction compensation of thermocouples
SPACER
3 Description
The TMP116 family (TMP116, TMP116N) consist of
low-power, high-precision temperature sensors with
integrated EEPROM memory. The TMP116 provides
a 16-bit temperature result with a resolution of
0.0078°C and an accuracy of up to ±0.2°C with no
calibration. The TMP116 is compatible with the I2C-
and
SMBus
interface,
has
programmable
alert
functionality, and supports up to four devices on a
single bus.
The TMP116 consumes minimal current that, in
addition to providing power savings, minimizes self-
heating and improves measurement accuracy. The
TMP116 operates from 1.9 V to 5.5 V and typically
consumes 3.5 µA.
Across the device operating temperature range of
–55°C to +125°C, the TMP116 exceeds the accuracy
of a class A RTD, while consuming less than one fifth
of the typical excitation current for a PT100 RTD. The
TMP116 is easier to use than RTDs, eliminating the
need
for
calibration,
external
circuitry,
matched
traces, and Kelvin connections.
The TMP116 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP116
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Schematic
Temperature Accuracy


Similar Part No. - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116 TI1-TMP116 Datasheet
1Mb / 48P
TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP116AIDRVR TI1-TMP116AIDRVR Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116AIDRVT TI1-TMP116AIDRVT Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP116N TI1-TMP116N Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results

Similar Description - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com