Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 7Page - Texas Instruments TMP116 Datasheet HTML 8Page - Texas Instruments TMP116 Datasheet HTML 9Page - Texas Instruments TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Temperature Result and Limits
At the end of every conversion or averaging cycle, the device updates the temperature register with the
conversion result. The data reading in the result register is in two's complement format, has a data width of 16
bits, and a resolution of 7.8125 m°C. Table 1 shows multiple examples of possible binary data that can be read
from the temperature result register and the corresponding hexadecimal and decimal equivalents.
The TMP116 also has alert status flags and alert pin functionality that use the temperature limits stored in the low
limit register and high limit register. The alert registers use the same data format as the temperature register.
Table 1. 16-Bit Temperature Data Format
TEMPERATURE
(°C)
TEMPERATURE REGISTER VALUE
(0.0078125°C RESOLUTION)
BINARY
HEX
–256
1000 0000 0000 0000
8000
–25
1111 0011 1000 0000
F380
–0.1250
1111 1111 1111 0000
FFF0
–0.0078125
1111 1111 1111 1111
FFFF
0
0000 0000 0000 0000
0000
0.0078125
0000 0000 0000 0001
0001
0.1250
0000 0000 0001 0000
0010
1
0000 0000 1000 0000
0080
25
0000 1100 1000 0000
0C80
100
0011 0010 0000 0000
3200
255.9921
0111 1111 1111 1111
7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com