Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.5 Programming
7.5.1 EEPROM Programming
7.5.1.1 EEPROM Overview
The device consists of a user-programmable EEPROM that can be used for two purposes:
•
Storing the reset values of configuration register and alert registers
•
Four 16-bit locations for general-purpose use; see the EEPROM[4:1] registers
On reset, the device goes through a reset sequence that loads the values programmed in the EEPROM into the
respective register map locations. This process takes approximately 1.5 ms. When the reset sequence is
completed the device starts operating in accordance to the configuration parameters that are loaded from the
EEPROM. Any I2C writes performed during this initial period to the registers are ignored. I2C read transactions
can still be performed with the device during the reset period. While the reset sequence is being executed, the
EEPROM_Busy status flag in the EEPROM unlock register is cleared.
During production, the EEPROM in the TMP116 is programmed with reset values as shown in Table 3. The
Programming the EEPROM section describes how to change these values. Additionally, during production a
unique ID is programmed in the general-purpose EEPROM locations. This unique ID is used to support NIST
traceability. The TMP116 units are 100% tested on a production setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025 accredited standards. Only reprogram the general-purpose
EEPROM[4:1] locations if NIST traceability is not desired.
7.5.1.2 Programming the EEPROM
To prevent accidental programming, the EEPROM is locked by default. When locked, any I2C writes to the
register map locations are performed only on the volatile registers and not on the EEPROM.
Figure 25 illustrates a flow chart describing the EEPROM programming sequence. To program the EEPROM,
first unlock the EEPROM by setting the EUN bit in the EEPROM unlock register. After the EEPROM is unlocked,
any subsequent I2C writes to the register map locations program a corresponding non-volatile memory location in
the EEPROM. Programming a single location typically takes 7 ms to complete and consumes 230 µA. Do not
perform any I2C writes until programming is completed. During programming, the EEPROM_busy flag is set.
Read this flag to monitor if the programming is complete. After programming the desired data, issue a general-
call reset command to trigger a software reset. The programmed data from the EEPROM are then loaded to the
corresponding register map locations as part of the reset sequence. This command also clears the EUN bit and
automatically locks the EEPROM to prevent any further accidental programming. The application must avoid
temperature conversions when the EEPROM is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com