Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 28Page - Texas Instruments TMP116 Datasheet HTML 29Page - Texas Instruments TMP116 Datasheet HTML 30Page - Texas Instruments TMP116 Datasheet HTML 31Page - Texas Instruments TMP116 Datasheet HTML 32Page - Texas Instruments TMP116 Datasheet HTML 33Page - Texas Instruments TMP116 Datasheet HTML 34Page - Texas Instruments TMP116 Datasheet HTML 35Page - Texas Instruments TMP116 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
5 k
5 k
5 k
TMP116
SDA
SCL
V+
GND
ADD0
ALERT
1
2
3
4
5
6
2-Wire Interface SMBus,
I²C Compatible Controller
SCL
SDA
INT
GND
1.9 V to 5.5 V
0.1 …F
GND
GND
GND
32
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP116 is used to measure the temperature of the board location where the device is mounted. The
programmable address options allow up to four locations on the board to be monitored on a single serial bus.
8.1.1 Typical Application
NOTE: The SDA and ALERT pins require pullup resistors.
Figure 41. Typical Connections
8.1.1.1 Design Requirements
The TMP116 operates only as a slave device and communicates with the host through the I2C-compatible serial
interface. SCL is the input pin, SDA is a bidirectional pin, and ALERT is the output. The TMP116 requires a
pullup resistor on the SCL, SDA, and ALERT pins. The recommended value for the pullup resistors is 5 kΩ. In
some applications the pullup resistor can be lower or higher than 5 kΩ. A 0.1-µF bypass capacitor is
recommended to be connected between V+ and GND. An SCL pullup resistor is required if the system
microprocessor SCL pin is open-drain. Use a ceramic capacitor type with according temperature range, placed
as close as possible to the V+ pin of the TMP116. The ALERT output pin can be connected to a microcontroller
interrupt that triggers an event that occurred when the temperature limit exceeds the programmable value or
indicates conversion end. It is recommended that the ALERT pin be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com