Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 3Page - Texas Instruments TMP116 Datasheet HTML 4Page - Texas Instruments TMP116 Datasheet HTML 5Page - Texas Instruments TMP116 Datasheet HTML 6Page - Texas Instruments TMP116 Datasheet HTML 7Page - Texas Instruments TMP116 Datasheet HTML 8Page - Texas Instruments TMP116 Datasheet HTML 9Page - Texas Instruments TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
-40 C, St. Dev = 1.12
°
25 C, St. Dev = 1.01
°
125 C, St. Dev = 1.05
°
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
Avrg 8, St. Dev = 0.51
Avrg 32, St. Dev = 0.56
Avrg 64, St. Dev = 0.61
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
V = +1.9 V, St. Dev = 0.91
V = +3.3 V, St. Dev = 1.01
V = +5 V, St. Dev = 0.96
Temperature ( C)
°
-20
0
40
60
80
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
116N Min Limit
116N Max Limit
-40
20
100
-55
Avg ±3σ
Average
116 Max Limit
116 Min Limit
Supply Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
1 Shot, No Conv Cycles
8 Averages, Conv Cycle = 1 s
1 Conversion, Conv Cycle = 500 ms
7
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
1-Hz conversion cycle, 8 averages mode
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Supply Voltage
Continuous conversion, no conversion cycle normalized to 3.3V
Figure 4. Temperature Error vs Supply Voltage in still air
Figure 5. Data Reading Distribution Over Supply Voltage
(No Averaging)
Figure 6. Data Reading Distribution Over Temperature
(No Averaging)
Figure 7. Data Reading Distribution Over Averaging Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com