Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 29Page - Texas Instruments TMP116 Datasheet HTML 30Page - Texas Instruments TMP116 Datasheet HTML 31Page - Texas Instruments TMP116 Datasheet HTML 32Page - Texas Instruments TMP116 Datasheet HTML 33Page - Texas Instruments TMP116 Datasheet HTML 34Page - Texas Instruments TMP116 Datasheet HTML 35Page - Texas Instruments TMP116 Datasheet HTML 36Page - Texas Instruments TMP116 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Time (Sec)
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
1.9 V
3 V
4 V
5 V
5.5 V
33
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Application Information (continued)
8.1.1.2 Detailed Design Procedure
8.1.1.2.1
Noise and Averaging
The device temperature sampling distribution (without internal averaging) covers an area of approximately six
neighboring codes. The noise area of the six codes remains the same at full supply and full temperature range
with a standard deviation of approximately 1 LSB. The device provides an averaging tool for 8, 32, and 64
samples. As illustrated in Figure 7, even the 8-sample averaging reduces the internal noise distribution to a
theoretical minimum of 2 LSB. This averaging means that if the system temperature slowly changes and the
supply voltage is stable, then the 8-sample averaging can be enough to neutralize the device internal noise and
provide stable temperature readings. However, if the system temperature is noisy (such as when measuring air
flow temperatures) or noisy power supply line or intensive communication in the I2C line, then higher averaging
numbers are recommended to be used.
8.1.1.2.2
Self-Heating Effect (SHE)
During ADC conversion some power is dissipated that heats the device despite the small power consumption of
the TMP116. Consider the self-heating effect (SHE) for certain precise measurements. Figure 42 shows the
device SHE in still air at 25°C after the supply is switched on. The device package, is soldered to the 11-mm ×
20-mm × 1.1-mm size coupon board. The board is located horizontally, with the device on top. The TMP116 is in
continuous conversion mode with 64 sampling averaging and zero conversion cycle time. There is no digital bus
activity aside from reading temperature data one time each second. As shown in Figure 42, the SHE stabilization
time in still air is greater when the device dissipates more power.
Figure 42. Self-Heating in Still Air vs. Temperature and Dissipated Power
The SHE drift is strongly proportional to the device dissipated power. The SHE drift is also proportional to the
device temperature because the consumption current with the same supply voltage increases with temperature.
Figure 43 shows the SHE drifts versus temperature and dissipated power at 25°C for the same coupon board
and the same conditions described previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com