Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP116 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments TMP116 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.5.3.1.5
SMBus Alert Function
The TMP116 supports the SMBus alert function. When the ALERT pin is connected to an SMBus alert signal and
a master senses that an alert condition is present, the master can send out an SMBus ALERT command (0001
1001) to the bus. If the ALERT pin is active, the device acknowledges the SMBus ALERT command and
responds by returning the slave address on the SDA line. The eighth bit (LSB) of the slave address byte
indicates if the alert condition is caused by the temperature exceeding T(HIGH) or falling below T(LOW). The LSB is
high if the temperature is greater than T(HIGH), or low if the temperature is less than T(LOW); see Figure 29 for
details of this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the slave address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP116 wins the arbitration, the TMP116
ALERT pin becomes inactive at the completion of the SMBus ALERT command. If the TMP116 loses the
arbitration, the TMP116 ALERT pin remains active.
7.5.3.1.6
General-Call Reset Function
The TMP116 responds to a two-wire, general-call address (0000 000) if the eighth bit is 0. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte is
0000 0110, the TMP116 internal registers are reset to power-up values.
7.5.3.1.7
Timeout Function
The TMP116 resets the serial interface if the SCL line is held low by the master or the SDA line is held low by
the TMP116 for 35 ms (typical) between a START and STOP condition. The TMP116 releases the SDA line if
the SCL pin is pulled low and waits for a START condition from the host controller. To avoid activating the
timeout function, maintain a communication speed of at least 1 kHz for the SCL operating frequency.
7.5.3.1.8
Timing Diagrams
The TMP116 is two-wire, SMBus, and I2C interface-compatible. Figure 27 to Figure 30 describe the various
operations on the TMP116. Parameters for Figure 1 are defined in Two-Wire Interface Timing. Bus definitions
are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line from high to low when the SCL line is high defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device that
acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line
is stable low during the high period of the acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data transfer can be signaled by the master generating a
not-acknowledge (1) on the last byte transmitted by the slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com