Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30EPH06 Datasheet (PDF) - International Rectifier

30EPH06 Datasheet PDF - International Rectifier
Part # 30EPH06
Download  30EPH06 Download
File Size   165.98 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Hyperfast Rectifier

30EPH06 Datasheet (PDF)

Go To PDF Page Download Datasheet
30EPH06 Datasheet PDF - International Rectifier

Part # 30EPH06
Download  30EPH06 Click to download

File Size   165.98 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Hyperfast Rectifier

30EPH06 Datasheet (HTML) - International Rectifier


30EPH06 Product details

trr = 28ns typ.

IF(AV) = 30Amp

VR = 600V



Description/ Applications

State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast recover time, and soft recovery.

The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes.



Features

• Hyperfastfast Recovery Time

• Low Forward Voltage Drop

• Low Leakage Current

• 175°C Operating Junction Temperature

• Single Diode Device

• Lead-Free ("PbF" suffix)




Similar Part No. - 30EPH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPH06 IRF-30EPH06 Datasheet
153Kb / 6P
Hyperfast Rectifier
logo
Vishay Siliconix
30EPH06 VISHAY-30EPH06 Datasheet
113Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
02-Jun-08
logo
Thinki Semiconductor Co...
30EPH06 THINKISEMI-30EPH06 Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
30EPH06 ISC-30EPH06 Datasheet
283Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
30EPH06PBF VISHAY-30EPH06PBF Datasheet
108Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
07-Apr-08
More results


Similar Description - 30EPH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com