Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30EPH06 Datasheet (PDF) - Vishay Siliconix

30EPH06 Datasheet PDF - Vishay Siliconix
Part # 30EPH06
Download  30EPH06 Download
File Size   113.71 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 30 A FRED PtTM

30EPH06 Datasheet (PDF)

Go To PDF Page Download Datasheet
30EPH06 Datasheet PDF - Vishay Siliconix

Part # 30EPH06
Download  30EPH06 Click to download

File Size   113.71 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 30 A FRED PtTM

30EPH06 Datasheet (HTML) - Vishay Siliconix


30EPH06 Product details

DESCRIPTION/APPLICATIONS

State of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, hyperfast recovery time and soft recovery.

The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics.

These devices are intended for use in PFC boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes.



FEATURES

• Hyperfast recovery time

• Low forward voltage drop

• Low leakage current

• 175 °C operating junction temperature

• Single diode device

• Designed and qualified for industrial level




Similar Part No. - 30EPH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPH06 IRF-30EPH06 Datasheet
153Kb / 6P
Hyperfast Rectifier
30EPH06 IRF-30EPH06 Datasheet
165Kb / 7P
Hyperfast Rectifier
logo
Thinki Semiconductor Co...
30EPH06 THINKISEMI-30EPH06 Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
30EPH06 ISC-30EPH06 Datasheet
283Kb / 2P
Ultrafast Rectifier
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
More results


Similar Description - 30EPH06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
23-Jun-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
Hyperfast Rectifier, 15 A FRED PtTM
20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
Hyperfast Rectifier, 15 A FRED PtTM
08-Sep-08
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
08-Aug-08
60CPH03PBF VISHAY-60CPH03PBF Datasheet
116Kb / 7P
Hyperfast Rectifier, 2 x 30 A FRED PtTM
21-Jul-08
30EPH06PBF VISHAY-30EPH06PBF Datasheet
108Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
07-Apr-08
30ETH06 VISHAY-30ETH06 Datasheet
109Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
23-Jun-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
Hyperfast Rectifier, 15 A FRED PtTM
07-Apr-08
30ETH06S VISHAY-30ETH06S Datasheet
123Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
08-Sep-08
30ETH06SPBF VISHAY-30ETH06SPBF Datasheet
124Kb / 7P
Hyperfast Rectifier, 30 A FRED PtTM
26-May-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com