Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9556 Datasheet (PDF) - NXP Semiconductors

PCA9556 Datasheet PDF - NXP Semiconductors
Part # PCA9556
Download  PCA9556 Download
File Size   111.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal SMBus Registered Interface

PCA9556 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9556 Datasheet PDF - NXP Semiconductors

Part # PCA9556
Download  PCA9556 Click to download

File Size   111.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal SMBus Registered Interface

PCA9556 Datasheet (HTML) - NXP Semiconductors


PCA9556 Product details

DESCRIPTION
The PCA9556 is a silicon CMOS circuit which provides parallel input/output expansion for SMBus applications.

FEATURES
• SMBus compliance with fixed 3.3V voltage levels
• Operating power supply voltage range of 3.0 V – 5.5 V
• Active high polarity inverter register
• Each I/O is configurable as an input or output
• Active low reset pin
• Low leakage current on power-down
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 8 I/O pins which default to 8 inputs
• High impedance open drain on I/O0
• ESD protection exceeds 2000 V HBM per JESD22-A114,
    200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
    exceeds 100 mA




Similar Part No. - PCA9556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
PCA9556PW PHILIPS-PCA9556PW Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
More results


Similar Description - PCA9556

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
Octal Registered Transceiver
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
Octal Registered Transceiver
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
Fast CMOS Octal Registered Transceivers
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
Octal Registered Transceiver
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
Octal Registered Transceiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com